Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ARDZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4922-1ARDZ-R7
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ARDZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4922-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADA4922-1
Rev. 0 | Page 18 of 20
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Although the ADA4922-1 is used in many applications
involving frequencies that are well below 1 MHz, some general
high speed layout practices must be adhered to because it is a
high speed amplifier. Controlled impedance transmission lines
are not required for low frequency signals, provided the signal
rise times are longer than approximately 5 times the electrical
delay of the interconnections. For reference, typical 50 Ω
transmission lines on FR-4 material exhibit approximately
140 ps/in delay on outer layers and 180 ps/in for inner layers.
Most connections between the ADA4922-1 and the
ADC can be kept very short.
Broadband power supply decoupling networks should be placed
as close as possible to the supply pins. Small surface-mount
ceramic capacitors are recommended for these networks, and
tantalum capacitors are recommended for bulk supply
decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com