Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW97 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLW97
Description  HF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW97 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLW97 Datasheet HTML 2Page - NXP Semiconductors BLW97 Datasheet HTML 3Page - NXP Semiconductors BLW97 Datasheet HTML 4Page - NXP Semiconductors BLW97 Datasheet HTML 5Page - NXP Semiconductors BLW97 Datasheet HTML 6Page - NXP Semiconductors BLW97 Datasheet HTML 7Page - NXP Semiconductors BLW97 Datasheet HTML 8Page - NXP Semiconductors BLW97 Datasheet HTML 9Page - NXP Semiconductors BLW97 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
August 1986
6
Philips Semiconductors
Product specification
HF power transistor
BLW97
APPLICATION INFORMATION
R.F. performance in s.s.b. class-AB operation (linear power amplifier).
VCE = 28 V; Th = 25 °C; f1 = 28,000 MHz; f2 = 28,001 MHz.
Note
1. The stated intermodulation distortion levels are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.
OUTPUT POWER
Gp
ηdt
IC
d3(1)
d5(1)
IC(ZS)
WdB
%
A
dB
dB
A
175 (PEP)
>
11,5
>
40
<
7,8
<−30
<−30
0,1
typ. 13,0
typ. 50
typ. 6,3
typ.
−34
typ.
−38
Fig.8 Class-AB (s.s.b.) test circuit.
handbook, full pagewidth
50
Ω
MGP709
L2
L1
R1
R2
C5
L5
L4
T.U.T.
C6
L3
C11
C14
C10
C2
C1
C4
C7
C8
C9
R3
C3
VCC
VBB
C12
C13
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com