Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW97 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLW97
Description  HF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW97 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLW97 Datasheet HTML 3Page - NXP Semiconductors BLW97 Datasheet HTML 4Page - NXP Semiconductors BLW97 Datasheet HTML 5Page - NXP Semiconductors BLW97 Datasheet HTML 6Page - NXP Semiconductors BLW97 Datasheet HTML 7Page - NXP Semiconductors BLW97 Datasheet HTML 8Page - NXP Semiconductors BLW97 Datasheet HTML 9Page - NXP Semiconductors BLW97 Datasheet HTML 10Page - NXP Semiconductors BLW97 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
August 1986
9
Philips Semiconductors
Product specification
HF power transistor
BLW97
Fig.12 Input impedance (series components).
VCE = 28 V; IC(ZS) = 0,1 A;
PL = 175 W(PEP); Th =25 °C;
ZL = 1,55 Ω
handbook, halfpage
4
2
0
MGP713
110
102
ri, −xi
(
Ω)
f (MHz)
−xi
ri
typ
Fig.13 Input impedance (series components).
handbook, halfpage
25
125
1
−0.5
0
0.5
75
MGP714
f (MHz)
ri, xi
(
Ω)
xi
ri
typ
VCE = 28 V; PL = 175 W; Th =25 °C;
class-B operation.
Fig.14 Load impedance (series components).
handbook, halfpage
25
125
3
0
1
2
75
MGP715
RL
(
Ω)
1.5
0
0.5
1.0
XL
(
Ω)
typ
RL
XL
f (MHz)
VCE = 28 V; PL = 175 W; Th =25 °C;
class-B operation.
Fig.15 Power gain.
handbook, halfpage
25
125
20
10
5
15
75
MGP716
GP
(dB)
f (MHz)
typ
VCE = 28 V; PL = 175 W; Th =25 °C;
class-B operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com