Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW97 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLW97
Description  HF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW97 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLW97 Datasheet HTML 3Page - NXP Semiconductors BLW97 Datasheet HTML 4Page - NXP Semiconductors BLW97 Datasheet HTML 5Page - NXP Semiconductors BLW97 Datasheet HTML 6Page - NXP Semiconductors BLW97 Datasheet HTML 7Page - NXP Semiconductors BLW97 Datasheet HTML 8Page - NXP Semiconductors BLW97 Datasheet HTML 9Page - NXP Semiconductors BLW97 Datasheet HTML 10Page - NXP Semiconductors BLW97 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
August 1986
7
Philips Semiconductors
Product specification
HF power transistor
BLW97
List of components:
Note
1. American Technical Ceramics capacitor or capacitor of same quality.
C1
= 47 pF (500 V) multilayer ceramic chip capacitor(1)
C2
= 100 pF film dielectric trimmer
C3
= 2
× 130 pF (300 V) multilayer ceramic chip capacitors in parallel(1)
C4
= 280 pF film dielectric trimmer
C5
= 10 nF (50 V) multilayer ceramic chip capacitor 2222 856 13103
C6
= 2
× 180 pF (300 V) multilayer ceramic chip capacitors in parallel(1)
C7
= 100 nF (50 V) multilayer ceramic chip capacitor 2222 856 48104
C8
= 10 nF (50 V) multilayer ceramic chip capacitor 2222 856 13103
C9
= 2,2
µF - 63 V solid aluminium electrolytic capacitor
C10 = 5
× 82 pF (500 V) multilayer ceramic chip capacitors in parallel(1)
C11 = 250 pF air dielectric trimmer
C12 = 5
× 33 pF ceramic feed-through capacitors mounted in parallel on a brass plate
C13 = 100 pF air dielectric trimmer
C14 = 3
× 91 pF (500 V) multilayer ceramic chip capacitors in parallel(1)
R1
= 0,7
Ω - 7 W (7 × 4,7 Ω - 1 W carbon resistors in parallel)
R2
= 27
Ω - 0,25 W carbon resistor
R3
= 4,7
Ω - 0,25 W carbon resistor
L1
= 73 nH; 4 turns Cu wire (1,5 mm); int. dia. 7 mm; length 9,4 mm; leads 2
× 5 mm
L2
= Ferroxcube wide-band h.f. choke grade 3B (cat. no. 4312 020 36640); 6 leads in parallel
L3
= 70,4 nH; 4 turns Cu wire (2 mm); int. dia. 7 mm; length 14,8 mm; leads 2
× 5 mm
L4
= 83,5 nH; 4 turns Cu wire (2 mm); int. dia. 8 mm; length 15 mm; leads 2
× 5 mm
L5
= Ferroxcube wide-band h.f. choke grade 3 B (cat. no. 4312 020 36640) with 6 leads in parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com