Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW97 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLW97
Description  HF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW97 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLW97 Datasheet HTML 1Page - NXP Semiconductors BLW97 Datasheet HTML 2Page - NXP Semiconductors BLW97 Datasheet HTML 3Page - NXP Semiconductors BLW97 Datasheet HTML 4Page - NXP Semiconductors BLW97 Datasheet HTML 5Page - NXP Semiconductors BLW97 Datasheet HTML 6Page - NXP Semiconductors BLW97 Datasheet HTML 7Page - NXP Semiconductors BLW97 Datasheet HTML 8Page - NXP Semiconductors BLW97 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
August 1986
4
Philips Semiconductors
Product specification
HF power transistor
BLW97
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Notes
1. Measured under pulse conditions: tp = 500 µs.
2. Measured under pulse conditions: tp = 300 µs; δ = 0,02.
Collector-emitter breakdown voltage
VBE = 0; IC = 50 mA
V(BR)CES
>
65 V
IC = 100 mA; open base
V(BR)CEO
>
33 V
Emitter-base breakdown voltage
IE = 20 mA; open collector
V(BR)EBO
>
4V
Collector cut-off current
VCE = 33 V; VBE =0
ICES
<
20 mA
Second breakdown energy; L = 25 mH; f = 50 Hz
open base
ESBO
>
20 mJ
RBE =10 Ω
ESBR
>
20 mJ
D.C. current gain(1)
typ.
30
IC = 10 A; VCE =5 V
hFE
15
to 50
D.C. current gain ratio of matched devices(1)
IC = 10 A; VCE =5 V
hFE1/hFE2
<
1,2
Collector-emitter saturation voltage(1)
IC = 25 A; IB =5 A
VCEsat
typ.
2,4 V
Transition frequency at f = 100 MHz(2)
−IE = 10 A; VCB = 28 V
fT
typ.
230 MHz
−I
E = 20 A; VCB = 28 V
fT
typ.
235 MHz
Collector capacitance at f = 1 MHz
IE =ie =0;VCB = 28 V
Cc
typ.
380 pF
Feedback capacitance at f = 1 MHz
IC = 0; VCE = 28 V
Cre
typ.
235 pF
Collector-flange capacitance
Ccf
typ.
4,5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com