Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW97 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLW97
Description  HF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW97 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLW97 Datasheet HTML 3Page - NXP Semiconductors BLW97 Datasheet HTML 4Page - NXP Semiconductors BLW97 Datasheet HTML 5Page - NXP Semiconductors BLW97 Datasheet HTML 6Page - NXP Semiconductors BLW97 Datasheet HTML 7Page - NXP Semiconductors BLW97 Datasheet HTML 8Page - NXP Semiconductors BLW97 Datasheet HTML 9Page - NXP Semiconductors BLW97 Datasheet HTML 10Page - NXP Semiconductors BLW97 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
August 1986
8
Philips Semiconductors
Product specification
HF power transistor
BLW97
Fig.9
Intermodulation distortion (see note on
preceding page).
VCE = 28 V; IC(ZS) = 0,1 A; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th =25 °C.
handbook, halfpage
0
120
240
−80
−20
−60
−40
MGP710
d3, d5
(dB)
PL (W) P.E.P.
typ
d3
d5
Fig.10 Power gain and double-tone efficiency.
VCE = 28 V; IC(ZS) = 0,1 A; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th =25 °C.
handbook, halfpage
0
120
240
4
0
16
8
12
20
0
80
40
60
MGP711
GP
(dB)
ηc
dt
(%)
PL (W) P.E.P.
ηc
dt
GP
typ
RUGGEDNESS
The BLW97 is capable of withstanding full load mismatch
(VSWR = 50 through all phases) up to 150 W (P.E.P.) or a
load mismatch (VSWR = 5 through all phases) up to
175 W (P.E.P.) under the following conditions:
VCE = 28 V; f = 28 MHz; Th =25 °C; Rth mb-h = 0,2 K/W.
Figures 11 and 12 t typical curves which are valid for one
transistor of a push-pull amplifier in s.s.b. class-AB
operation.
Fig.11 Power gain.
handbook, halfpage
30
10
MGP712
110
102
20
GP
(dB)
f (MHz)
typ
VCE = 28 V; IC(ZS) = 0,1 A;
PL = 175 W(PEP); Th =25 °C;
ZL = 1,55 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com