Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799G Datasheet(PDF) 11 Page - Analog Devices

Part # ADG799G
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799G Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG799G Datasheet HTML 7Page - Analog Devices ADG799G Datasheet HTML 8Page - Analog Devices ADG799G Datasheet HTML 9Page - Analog Devices ADG799G Datasheet HTML 10Page - Analog Devices ADG799G Datasheet HTML 11Page - Analog Devices ADG799G Datasheet HTML 12Page - Analog Devices ADG799G Datasheet HTML 13Page - Analog Devices ADG799G Datasheet HTML 14Page - Analog Devices ADG799G Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
3.0
0
03.5
INPUT SIGNAL (V)
2.5
2.0
1.5
1.0
0.5
0.51.0
1.52.02.53.0
TA = 25°C
1 CHANNEL
VDD = 2.7V, RL = 75Ω
VDD = 3V, RL = 75Ω
VDD = 3.3V, RL = 75Ω
VDD = 2.7V, RL = 1MΩ
VDD = 3V, RL = 1MΩ
VDD = 3.3V, RL = 1MΩ
Figure 5. Analog Signal Range, 3 V Supply
5.0
0
06
INPUT SIGNAL (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
12
345
TA = 25°C
1 CHANNEL
VDD = 5.5V, RL = 1MΩ
VDD = 4.5V, RL = 1MΩ
VDD = 4.5V, RL = 75Ω
VDD = 5V, RL = 75Ω
VDD = 5.5V, RL = 75Ω
VDD = 5V, RL = 1MΩ
Figure 6. Analog Signal Range, 5 V Supply
6
0
01.8
4.0
0
03.0
VD (VS) (V)
TA = 25°C
1 CHANNEL
VDD = 5.0V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VDD = 4.5V
VDD = 5.5V
0.5
1.0
1.5
2.0
2.5
VD (VS) (V)
5
4
3
2
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA = 25°C
1 CHANNEL
VDD = 2.7V
VDD = 3.3V
VDD = 3.0V
Figure 7. On Resistance vs. VD (VS), 3 V Supply
Figure 8. On Resistance vs. VD (VS), 5 V Supply
7
0
01
VD (VS) (V)
.6
6
5
4
3
2
1
0.20.40.60.8
1.01.21.4
TA = 25°C
1 CHANNEL
VDD = 3V
TA = +25°C
TA = +85°C
TA = –40°C
Figure 9. On Resistance vs. VD (VS) for Various Temperatures, 3 V Supply
4.5
0
03.0
VD (VS) (V)
TA = +25°C
1 CHANNEL
VDD = 5V
TA = +85°C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TA = +25°C
TA = –40°C
0.5
1.0
1.5
2.0
2.5
Figure 10. On Resistance vs. VD (VS) for Various Temperatures, 5 V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com