Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799G Datasheet(PDF) 12 Page - Analog Devices

Part # ADG799G
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799G Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG799G Datasheet HTML 8Page - Analog Devices ADG799G Datasheet HTML 9Page - Analog Devices ADG799G Datasheet HTML 10Page - Analog Devices ADG799G Datasheet HTML 11Page - Analog Devices ADG799G Datasheet HTML 12Page - Analog Devices ADG799G Datasheet HTML 13Page - Analog Devices ADG799G Datasheet HTML 14Page - Analog Devices ADG799G Datasheet HTML 15Page - Analog Devices ADG799G Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 12 of 24
0
–4.0
03.5
SOURCE VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
TA = 25°C
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
VDD = 3V
VDD = 5V
Figure 11. Charge Injection vs. Source Voltage
225
215
205
195
185
175
165
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
tON (3V)
tON (5V)
tOFF (3V)
tOFF (5V)
Figure 12. tON/tOFF vs. Temperature
0
–120
0.01
1000
FREQUENCY (MHz)
–20
–40
–60
–80
–100
0.1
1
10
100
TA = 25°C
VDD = 3V/5V
Figure 13. Off Isolation vs. Frequency
0
–120
0.01
1000
FREQUENCY (MHz)
–20
–40
–60
–80
–100
0.1
1
10
100
TA = 25°C
VDD = 3V/5V
SAME
CROSS POINT
SWITCH
DIFFERENT
CROSS POINT
SWITCH
Figure 14. Crosstalk vs. Frequency
0
–20
0.1
1000
FREQUENCY (MHz)
1
10
100
–18
–16
–14
–12
–10
–8
–6
–4
–2
TA = 25°C
VDD = 5V
Figure 15. Bandwidth
0
–100
0.0001
1000
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
0.001
0.01
0.1
1
10
100
TA = 25°C
1 CHANNEL
VDD = 3V/5V
NO DECOUPLING CAPACITORS USED
Figure 16. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com