Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799G Datasheet(PDF) 17 Page - Analog Devices

Part # ADG799G
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799G Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG799G Datasheet HTML 13Page - Analog Devices ADG799G Datasheet HTML 14Page - Analog Devices ADG799G Datasheet HTML 15Page - Analog Devices ADG799G Datasheet HTML 16Page - Analog Devices ADG799G Datasheet HTML 17Page - Analog Devices ADG799G Datasheet HTML 18Page - Analog Devices ADG799G Datasheet HTML 19Page - Analog Devices ADG799G Datasheet HTML 20Page - Analog Devices ADG799G Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 17 of 24
THEORY OF OPERATION
The ADG799A/ADG799G are monolithic CMOS device
comprising three 2 × 2 crosspoint switches controllable via a
standard I2C serial interface. The CMOS process provides
ultralow power dissipation, yet offers high switching speed and
low on resistance.
The on resistance profile is very flat over the full analog input
range, and wide bandwidth ensures excellent linearity and low
distortion. These features, combined with a wide input signal
range, make the ADG799A/ADG799G an ideal switching
solution for a wide range of TV applications.
The switches conduct equally well in both directions when on.
In the off condition, signal levels up to the supplies are blocked.
The integrated serial I2C interface controls the operation of the
crosspoint switches (ADG799A/ADG799G) and general-
purpose logic pins (ADG799G only).
The ADG799A/ADG799G have many attractive features, such as
the ability to individually control each switch, the option of reading
back the status of any switch. The ADG799G has two general-
purpose logic output pins controllable through the I2C interface.
The following sections describe these features in more detail.
I2C SERIAL INTERFACE
The ADG799A/ADG799G are controlled via an I2C-compatible
serial bus interface (refer to the I2C-Bus Specification available
from Philips Semiconductor) that allows the part to operate as a
slave device (no clock is generated by the ADG799A/ADG799G).
The communication protocol between the I2C master and the
device operates as follows:
1.
The master initiates data transfer by establishing a start
condition (defined as a high-to-low transition on the SDA
line while SCL is high). This indicates that an address/data
stream follows. All slave devices connected to the bus
respond to the start condition and shift in the next eight
bits, consisting of a seven bit address (MSB first) plus an
R/W bit. This bit determines the direction of the data flow
during the communication between the master and the
addressed slave device.
2.
The slave device whose address corresponds to the
transmitted address responds by pulling the SDA line
low during the ninth clock pulse (this is known as the
acknowledge bit).
At this stage, all other devices on the bus remain idle while
the selected device waits for data to be written to, or read
from, its serial register. If the R/W bit is set high, the
master reads from the slave device. However, if the R/W bit
is set low, the master writes to the slave device.
3.
Data transmits over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge
bit). The transitions on the SDA line must occur during the
low period of the clock signal, SCL, and remain stable
during the high period of SCL. Otherwise, a low-to-high
transition when the clock signal is high can be interpreted
as a stop event that ends the communication between the
master and the addressed slave device.
4.
After transferring all data bytes, the master establishes a
stop condition, defined as a low-to-high transition on the
SDA line while SCL is high. In write mode, the master pulls
the SDA line high during the 10th clock pulse to establish a
stop condition. In read mode, the master issues a no
acknowledge for the ninth clock pulse (the SDA line
remains high). The master then brings the SDA line low
before the 10th clock pulse, and then high during the 10th
clock pulse to establish a stop condition.
I2C ADDRESS
The ADG799A/ADG799G each have a seven-bit I2C address.
The four most significant bits are internally hardwired while the
last three bits (A0, A1, and A2) are user-adjustable. This allows
the user to connect up to eight ADG799A/ADG799Gs to the same
bus. The I2C bit map shows the configuration of the seven-bit
address.
Seven-Bit I2C Address Bit Configuration
MSB
LSB
1
0
1
0
A2
A1
A0
WRITE OPERATION
When writing to the ADG799A/ADG799G, the user must
begin with an address byte and R/W bit. Next, the switch
acknowledges that it is prepared to receive data by pulling SDA
low. Data is loaded into the device as a 16-bit word under the
control of a serial clock input, SCL.
Figure 31 illustrates the entire
write sequence for the ADG799A/ADG799G. The first data
byte (AX7 to AX0) controls the status of the crosspoint switches
and the GPO pins, while the LDSW and RESETB bits from the
second byte controls the operation mode of the device. Table 6
shows a list of all commands supported by the
ADG799A/ADG799G with the corresponding byte that needs
to be loaded during a write operation.
To achieve the desired configuration, one or more commands
can be loaded into the device. Any combination of the commands
listed in Table 6 can be used with the following restrictions:
The commands referring to more than one switch
overwrite any previous command.
When a sequence of successive commands affect the same
element (that is, the switch or GPO pin), only the last
command is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com