Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799G Datasheet(PDF) 14 Page - Analog Devices

Part # ADG799G
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799G Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG799G Datasheet HTML 10Page - Analog Devices ADG799G Datasheet HTML 11Page - Analog Devices ADG799G Datasheet HTML 12Page - Analog Devices ADG799G Datasheet HTML 13Page - Analog Devices ADG799G Datasheet HTML 14Page - Analog Devices ADG799G Datasheet HTML 15Page - Analog Devices ADG799G Datasheet HTML 16Page - Analog Devices ADG799G Datasheet HTML 17Page - Analog Devices ADG799G Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 14 of 24
TEST CIRCUITS
SD
RON = V1/IDS
V1
IDS
VS
Figure 22. On Resistance
SD
A
A
IS (OFF)
VS
VD
ID (OFF)
Figure 23. Off Leakage
SD
A
VD
ID (ON)
NC
NC = NO CONNECT
Figure 24. On Leakage
VDD
0.1µF
VS
50Ω
50Ω
50Ω
D
VOUT
50Ω
NETWORK
ANALYZER
GND
SA
SB
Figure 25. Bandwidth
S
D
VDD
0.1µF
VS
VOUT
50Ω
50Ω
50Ω
50Ω
50Ω
NETWORK
ANALYZER
GND
Figure 26. Off Isolation
SY
DY
DX
SX
VDD
0.1µF
VS
VOUT
50Ω
50Ω
50Ω
RL
50Ω
NETWORK
ANALYZER
GND
50Ω
50Ω
Figure 27. Channel-to-Channel Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com