Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799G Datasheet(PDF) 15 Page - Analog Devices

Part # ADG799G
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799G Datasheet(HTML) 15 Page - Analog Devices

Back Button ADG799G Datasheet HTML 11Page - Analog Devices ADG799G Datasheet HTML 12Page - Analog Devices ADG799G Datasheet HTML 13Page - Analog Devices ADG799G Datasheet HTML 14Page - Analog Devices ADG799G Datasheet HTML 15Page - Analog Devices ADG799G Datasheet HTML 16Page - Analog Devices ADG799G Datasheet HTML 17Page - Analog Devices ADG799G Datasheet HTML 18Page - Analog Devices ADG799G Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 15 of 24
I2C
INTERFACE
SCL
GND
SDA
VS
CL
35pF
RL
50Ω
VOUT
VDD
5V
0.1µF
SD
SCL
50%
50%
90%
10%
tOFF
tON
VOUT
CLOCK PULSES
CORRESPONDING
TO THE LDSW BITS
50%
50%
90%
10%
tH
tL
SCL
VGPO
CLOCK PULSES
CORRESPONDING
TO THE LDSW BITS
Figure 28. Switching Times
I2C
INTERFACE
SCL
GND
SDA
CL
35pF
RL
50Ω
VS
VOUT
VDD
5V
0.1µF
SA
D
SB
SCL
CLOCK PULSES CORRESPONDING
TO THE LDSW BIT
VS
tD
VOUT
80%
Figure 29. Break-Before-Make Time Delay
VS
VOUT
GND
VDD
RS
5V
SD
CL
1nF
ΔVOUT
QINJ = CL × ΔVOUT
SWITCH ON
SWITCH OFF
Figure 30. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com