Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188BCPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG2188BCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188BCPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADG2188BCPZ-R2 Datasheet HTML 1Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 2Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 3Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 4Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 5Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADG2188
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 12 V ± 10%, VSS = 0 V, VL = 5 V, GND = 0 V, all specifications TMIN to TMAX, unless otherwise noted.1
Table 1.
B Version
Y Version
Parameter
+25°C
−40°C to
+85°C
+25°C
−40°C to
+125°C
Unit
Conditions
ANALOG SWITCH
Analog Signal Range
VDD − 2 V
VDD − 2 V
V max
On Resistance, RON
30
30
Ω typ
VDD = 10.8 V, VIN = 0 V, IS = −10 mA
35
40
35
42
Ω max
32
32
Ω typ
VDD = 10.8 V, VIN = 1.4 V, IS = −10 mA
37
42
37
47
Ω max
45
45
Ω typ
VDD = 10.8 V, VIN = 5.4 V, IS = −10 mA
50
57
50
62
Ω max
On Resistance Matching
4.5
4.5
Ω typ
VDD = 10.8 V, VIN = 0 V, IS = −10 mA
Between Channels, ∆RON
8
9
8
10
Ω max
On Resistance Flatness, RFLAT(ON)
2.3
2.3
Ω typ
VDD = 10.8 V, VIN = 0 V to 1.4 V, IS = −10 mA
3.5
4
3.5
5
Ω max
14.5
14.5
Ω typ
VDD = 10.8 V, VIN = 0 V to 5.4 V, IS = −10 mA
18
20
18
22
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V
Channel Off Leakage, IOFF
±0.03
±0.03
μA typ
VX = 7 V/1 V, VY = 1 V/7 V
Channel On Leakage, ION
±0.03
±0.03
μA typ
VX = VY = 1 V or 7 V
DYNAMIC CHARACTERISTICS2
COFF
11
11
pF typ
CON
18.5
18.5
pF typ
tON
170
170
ns typ
RL = 300 Ω, CL = 35 pF
185
190
185
195
ns max
tOFF
210
210
ns typ
RL = 300 Ω, CL = 35 pF
250
255
250
260
ns max
THD + N
0.04
0.04
% typ
RL = 10 kΩ, f = 20 Hz to 20 kHz,
VS = 1 V p-p
PSRR
90
dB typ
f = 20 kHz; without decoupling;
see Figure 24
−3 dB Bandwidth
210
210
MHz typ
Individual inputs to outputs
16.5
16.5
MHz typ
8 inputs to 1 output
Off Isolation
−69
−69
dB typ
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Channel-to-Channel Crosstalk
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Adjacent Channels
−63
−63
dB typ
Nonadjacent Channels
−76
−76
dB typ
Differential Gain
0.4
0.4
% typ
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Differential Phase
0.6
0.6
° typ
RL = 75 Ω, CL = 5 pF, f = 5 MHz
Charge Injection
−3.5
−3.5
pC typ
VS = 4 V, RS = 0 Ω, CL = 1 nF
LOGIC INPUTS (Ax, RESET)2
Input High Voltage, VINH
2.0
2.0
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current, IIN
0.005
0.005
μA typ
±1
±1
μA max
Input Capacitance, CIN
7
7
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com