Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188BCPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG2188BCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188BCPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG2188BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 12Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 13Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 14Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 15Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 16Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADG2188
Rev. 0 | Page 13 of 28
TEMPERATURE (°C)
100
120
140
160
180
200
220
240
–40
–20
0
20
40
60
80
100
120
tON
tOFF
VDD = 12V, VSS = 0V
VDD = +5V, VSS = –5V
Figure 16. tON/tOFF Times vs. Temperature
–2
–8
–7
–6
–5
–4
–3
10
1G
10G
10M
100k
1k
FREQUENCY (Hz)
VDD = +5V
VSS = –5V
TA = 25°C
Figure 17. Individual Inputs to Individual Outputs Bandwidth,
Dual ±5 V Supply
–1
–2
–8
–7
–6
–5
–4
–3
10
1G
10G
10M
100k
1k
FREQUENCY (Hz)
VDD = 12V
VSS = 0V
TA = 25°C
Figure 18. Individual Inputs to Individual Outputs Bandwidth,
12 V Single Supply
0
–1
–2
–8
–7
–6
–5
–4
–3
FREQUENCY (Hz)
10
1G
10G
10M
100k
1k
VDD = +5V
VSS = –5V
TA = 25°C
Figure 19. One Input to Eight Outputs Bandwidth, ±5 V Dual Supply
–10
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
10
1G
10M
100k
1k
FREQUENCY (Hz)
VDD = +5V TO +12V
VSS = –5V TO 0V
TA = 25°C
Figure 20. Off Isolation vs. Frequency
–120
–100
–80
–60
–40
–20
10
1G
10M
100k
1k
FREQUENCY (Hz)
VDD = +5V TO +12V
VSS = –5V TO 0V
TA = 25°C
ADJACENT
CHANNELS
NON-ADJACENT
CHANNELS
Figure 21. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com