Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188BCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG2188BCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188BCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG2188BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 12Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 13Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 14Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 15Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADG2188
Rev. 0 | Page 12 of 28
80
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SOURCE VOLTAGE (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 8V
VSS = 0V
IDS = 10mA
Figure 10. RON vs. Temperature, VDD = 8 V
16
14
12
10
8
6
4
2
0
0
20406080
100
120
TEMPERATURE (°C)
X CHANNELS,
VBIAS = +4V
Y CHANNELS,
VBIAS = –2V
VDD = +5V
VSS = –5V
Figure 11. On Leakage vs. Temperature, Dual ±5 V Supplies
12
10
8
6
4
2
0
–2
0
20406080
100
120
TEMPERATURE (°C)
X, Y CHANNELS;
VBIAS = –2V ON X CHANNEL;
+4V ON Y CHANNEL
X, Y CHANNELS;
VBIAS = +4V ON X CHANNEL;
–2V ON Y CHANNEL
VDD = +5V
VSS = –5V
Figure 12. Off Leakage vs. Temperature, Dual ±5 V Supplies
18
12
16
14
10
8
6
4
2
0
–2
0
20406080
100
120
TEMPERATURE (°C)
Y CHANNELS, VBIAS = 7V
X CHANNELS, VBIAS = 7V
Y CHANNELS, VBIAS = 1V
VDD = 12V
VSS = 0V
Figure 13. On Leakage vs. Temperature, 12 V Single Supply
9
6
8
7
5
4
3
2
1
0
–1
0
20406080
100
120
TEMPERATURE (°C)
X, Y CHANNELS;
VBIAS = 7V ON X CHANNEL;
1V ON Y CHANNEL
X, Y CHANNELS;
VBIAS = 1V ON X CHANNEL;
7V ON Y CHANNEL
VDD = 12V
VSS = 0V
Figure 14. Off Leakage vs. Temperature, 12 V Single Supply
0
–5.0
SUPPLY VOLTAGE (V)
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–3
–5
–1
135
79
11
VDD = +5V, VSS = –5V
VDD = +12V, VSS = 0V
Figure 15. Charge Injection vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com