Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188BCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG2188BCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188BCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG2188BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 12Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 13Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADG2188
Rev. 0 | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
NC
VDD
NC
NC
NC
NC
X7
X6
X3
X1
X0
NC
X5
X4
X2
VSS 1
2
3
4
5
6
7
8
32
31
30
29 28
27
26
25
24
23
22
21
20
19
18
17
9
1011
13141516
12
PIN 1
INDICATOR
ADG2188
8 × 8
TOP VIEW
(Not to Scale)
Exposed Paddle Soldered to VSS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions1
Pin No.
Mnemonic
Description
1
VSS
Negative Power Supply in a Dual-Supply Application. For single-supply applications, this pin should be tied to GND.
2, 19 to 23
NC
No Connect.
3 to 8,
17, 18
X0 to X7
Can be inputs or outputs.
9 to 16
Y0 to Y7
Can be inputs or outputs.
24
VDD
Positive Power Supply Input.
25
VL
Logic Power Supply Input.
26
SDA
Digital I/O. Bidirectional open drain data line. External pull-up resistor required.
27
SCL
Digital Input, Serial Clock Line. Open drain input that is used in conjunction with SDA to clock data into the
device. External pull-up resistor required.
28
A0
Logic Input. Address pin that sets the least significant bit of the 7-bit slave address.
29
A1
Logic Input. Address pin that sets the second least significant bit of the 7-bit slave address.
30
A2
Logic Input. Address pin that sets the third least significant bit of the 7-bit slave address.
31
RESET
Active Low Logic Input. When this pin is low, all switches are open, and appropriate registers are cleared to 0.
32
GND
Ground. Reference point for all circuitry on the ADG2188.
1 It is recommended that the exposed paddle be soldered to VSS to improve heat dissipation and crosstalk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com