Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188BCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG2188BCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188BCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADG2188BCPZ-R2 Datasheet HTML 1Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 2Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 3Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 4Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 5Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
I2C® CMOS 8 × 8 Unbuffered Analog
Switch Array with Dual/Single Supplies
ADG2188
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
I2C-compatible interface
3.4 MHz high speed I2C option
32-lead LFCSP_VQ (5 mm × 5 mm)
Double-buffered input logic
Simultaneous update of multiple switches
Up to 300 MHz bandwidth
Fully specified at dual ±5 V/single +12 V operation
On resistance 35 Ω maximum
Low quiescent current < 20 μA
APPLICATIONS
AV switching in TV
Automotive infotainment
AV receivers
CCTV
Ultrasound applications
KVM switching
Telecom applications
Test equipment/instrumentation
PBX systems
GENERAL DESCRIPTION
The ADG2188 is an analog cross point switch with an
array size of 8 × 8. The switch array is arranged so that
there are eight columns by eight rows, for a total of 64
switch channels. The array is bidirectional, and the rows and
columns can be configured as either inputs or outputs. Each
of the 64 switches can be addressed and configured through
the I2C-compatible interface. Standard, full speed, and high
speed (3.4 MHz) I2C interfaces are supported. Any
simultaneous switch combination is allowed. An additional
feature of the ADG2188 is that switches can be updated
simultaneously, using the LDSW command. In addition,
a RESET option allows all of the switch channels to be
reset/off. At power on, all switches are in the off condition.
The device is packaged in a 32-lead, 5 mm × 5 mm
LFCSP_VQ.
FUNCTIONAL BLOCK DIAGRAM
ADG2188
VDD
VSS
VL
SCL
SDA
X0 TO X7 (I/O)
8 × 8 SWITCH ARRAY
LDSW
64
1
64
1
INPUT
REGISTER
AND
7 TO 64
DECODER
LATCHES
LDSW
GND
A0
A1
A2
Y0 TO Y7 (I/O)
Figure 1.


Similar Part No. - ADG2188BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2108BCPZ-HS-RL7 AD-ADG2108BCPZ-HS-RL7 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2108BCPZ-R2 AD-ADG2108BCPZ-R2 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2108BCPZ-REEL7 AD-ADG2108BCPZ-REEL7 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2108YCPZ-HS-RL7 AD-ADG2108YCPZ-HS-RL7 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
More results

Similar Description - ADG2188BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT093 MITEL-MT093 Datasheet
51Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
ISO-CMOS 8 x 16 Analog Switch Array
logo
Analog Devices
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2128 AD-ADG2128 Datasheet
759Kb / 28P
IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
5/06-Rev. 0 to Rev. A
ADG2108 AD-ADG2108_15 Datasheet
494Kb / 28P
Switch Array with Dual/Single Supplies
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com