Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282T2 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
ST7282T2
Version 1.2
Page 39 of 77
2016/03
8. REGISTER LIST
8.1 Register Summary
No.
TYP
B7
B6
B5
B4
B3
B2
B1
B0
Default
R0
R/W
-
VDIR
HDIR
-
-
-
-
-
60h
R1
R/W
-
-
-
-
GRB
-
-
DISP
08h
R2
R/W
CONTRAST
40h
R3
R/W
-
SUB_CONTRAST_R
40h
R4
R/W
-
SUB_CONTRAST_B
40h
R5
R/W
BRIGHTNESS
40h
R6
R/W
-
SUB_BRIGHTNESS_R
40h
R7
R/W
-
SUB_BRIGHTNESS_B
40h
R8
R/W
H_BLANKING
2Bh
R9
R/W
VDPOL
HDPOL
V_BLANKING
CCh
R10
R/W
-
DCLKPOL
-
-
-
-
-
-
40h
COMMAND TABLE2
No.
TYP
B7
B6
B5
B4
B3
B2
B1
B0
Default
R20
W
PKP7[4]
PKP6[4]
PKP5[4]
PKP4[4]
PKP3[4]
PKP2[4]
PKP1[4]
PKP0[4]
0Fh
R21
W
-
-
-
-
VOS0P[4]
VRF0P[4]
PKP9[4]
PKP8[4]
02h
R22
W
PKP1[3:0]
PKP0[3:0]
E0h
R23
W
PKP3[3:0]
PKP2[3:0]
03h
R24
W
PKP5[3:0]
PKP4[3:0]
EFh
R25
W
PKP7[3:0]
PKP6[3:0]
64h
R26
W
PKP9[3:0]
PKP8[3:0]
39h
R27
W
VOS0P[3:0]
VRF0P[3:0]
E6h
R28
W
PKN7[4]
PKN6[4]
PKN5[4]
PKN4[4]
PKN3[4]
PKN2[4]
PKN1[4]
PKN0[4]
0Eh
R29
W
-
-
-
-
VOS0N[4]
VRF0N[4]
PKN9[4]
PKN8[4]
03h
R2A
W
PKN1[3:0]
PKN0[3:0]
ECh
R2B
W
PKN3[3:0]
PKN2[3:0]
23h
R2C
W
PKN5[3:0]
PKN4[3:0]
EFh
R2D
W
PKN7[3:0]
PKN6[3:0]
FBh
R2E
W
PKN9[3:0]
PKN8[3:0]
D5h
R2F
W
VOS0N[3:0]
VRF0N[3:0]
E6h
R40
R/W
VMF_SET
VMF[6:0]
C0h
R4A
W
0
0
0
0
0
0
OTP_EN
0
00h
R4B
W
OTP_DUMP
OTP_ADDR[6:0]
00h
R4C
W
OTP_DATA[7:0]
00h
R4D
W
OTP_CONTROL[7:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com