Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282T2 Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
ST7282T2
Version 1.2
Page 63 of 77
2016/03
12.4 Parallel RGB DE Mode Reference Circuit
Panel ILB
C5
C3
TP1
1
C8
1uF/10V
C1
C7
R9
10K
TP3
1
C4
C2
C6
TP4
1
FPC Pin Out
R13
0R
R4
0R
R14
0R
R5
0R
R18
0R
R3
0R
R15
0R
R8
0R
GND
VDD
GND
GND
VDIR
DCLKPOL
HDIR
GND
PARA_SERI
FPC Hardware Pin Setting Description
I/F select
PARA_SERI
Parallel 24-bit
1
0
0
DCLKPOL Polarity
Serial 8-bit
1
DCLKPOL
Postive
Negative
0
Gate Scan direction
VDIR
1
G1->G544
G544->G1
1
0
Source Scan direction
S720->S1
HDIR
S1->S720
VDD
VDD
VDD
TP6
1
TP8
1
TP7
1
TP5
1
TP2
1
TP9
1
VCC
GVCL
GVDD
VGSP
VPP
Dotted block represent dummy component.
Note:
EXTC
CS
SCL
SDA
VDD
GND
GRB
Test Pad
GND
Power On Reset Circuit
Reserved Hardware Setting
Note:If unuse pin don't floating, The pin fix to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com