Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282T2 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
ST7282T2
Version 1.2
Page 71 of 77
2016/03
OTP Enable
W
4A
02
OTP parameter setup
W
4B
01
OTP parameter setup
W
4C
VMF
Waiting 100ms
Step 8. Program OTP.
Function
W/R
CMD
Par
Note
OTP Write Command
W
4D
CA
Program OTP
Waiting 100ms
Step 9. Hardware setting
Action
Note
Release EXTC Pin
Release CS Pin
Remove 7.5V form VPP Pin
Step 10. Disable OTP programming Mode.
Function
W/R
CMD
Par
Note
Disable OTP Programming Mode
W
4A
00
Waiting 100ms
Step 11. Turn off VDD and VDDI, waiting for 200ms then and turn on again.
Step 12. Execute normal display on sequence.
Function
W/R
CMD
Par
Note
HW reset
--
--
--
HW reset sequence
Waiting 100ms
--
--
--
Display On LCD Module
--
--
--
Refer Power On Sequence
Display Check Pattern
--
--
--
Recommend Flicker Pattern
Step 13. Check the image quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com