Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282T2 Datasheet(PDF) 44 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 44 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
ST7282T2
Version 1.2
Page 44 of 77
2016/03
8.2.9 R8: H_BLANKING
Register
TYPE
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Default
R8
R/W
H_BLANKING
2Bh
Designation
Address
Description
H_BLANKIN
G
R8[7:0]
H back porch setting (unit: DCLK)
H_BLANKING=00h: 0
H_BLANKING=2Bh: 43(default)
H_BLANKING=FFh: 255
8.2.10 R9: VDPOL、HDPOL、V_BLANKING
Register
TYPE
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Default
R9
R/W
VDPOL
HDPOL
V_BLANKING
CCh
Designation
Address
Description
VDPOL
R9[7]
VSYNC polarity select
VDPOL=0: Positive polarity
VDPOL=1: Negative polarity (default)
* Hardware pin setting (VDPOL) with R9[7] interaction
HW PIN
SW-R9[7]
VDPOL Polarity
0
0
Negative
0
1
Positive
1
0
Positive
1
1
Negative
HDPOL
R9[6]
HSYNC polarity select
HDPOL=0: Positive polarity
HDPOL=1: Negative polarity (default)
* Hardware pin setting (HDPOL) with R9[6] interaction
HW PIN
SW-R9[6]
HDPOL Polarity
0
0
Negative
0
1
Positive
1
0
Positive
1
1
Negative
V_BLANKIN
G
R9[5:0]
V back porch setting (unit: H)
V_BLANKING=00h: 0
V_BLANKING=0Ch: 12(default)
V_BLANKING=3Fh: 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com