Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5503 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5503
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5503 Datasheet HTML 24Page - Cirrus Logic CS5503 Datasheet HTML 25Page - Cirrus Logic CS5503 Datasheet HTML 26Page - Cirrus Logic CS5503 Datasheet HTML 27Page - Cirrus Logic CS5503 Datasheet HTML 28Page - Cirrus Logic CS5503 Datasheet HTML 29Page - Cirrus Logic CS5503 Datasheet HTML 30Page - Cirrus Logic CS5503 Datasheet HTML 31Page - Cirrus Logic CS5503 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
to ensure that logic inputs are maintained at either
VD+ ar DGND potential when SLEEP is low.
Note that battery life could be shortened if the
+5 V supply drops slowly during power-down. As
the supply drops below the battery voltage but not
yet below the logic threshold of the SLEEP pin,
the battery will be supplying the CS5501/CS5503
at full power (typically 3 mA). Faster transitions
at SLEEP can be triggered using a resistive di-
vider or a simple resistor network to generate the
SLEEP input from the +5 V supply.
Output Loading Considerations
To maximize performance of the CS5501/
CS5503, the output drive currents from the digital
output lines should be minimized.
It is recom-
mended that CMOS logic gates (4000B, 74HC,
etc.) be used to provide minimum loading. If it is
necessary to drive an opto-isolator the outputs of
the CS5501/CS5503 should be buffered. An easy
means of driving the LED of an opto-isolator is to
use a 2N7000 or 2N7002 low cost FET.
Schematic & Layout Review Service
Confirm Optimum
Schematic & Layout
Before Building Your Board.
Confirm Optimum
Schematic & Layout
Before Building Your Board.
For Our Free Review Service
Call Applications Engineering.
For Our Free Review Service
Call Applications Engineering.
Call: (512) 445-7222
CS5501/CS5503
28
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com