Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5503 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5503
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5503 Datasheet HTML 25Page - Cirrus Logic CS5503 Datasheet HTML 26Page - Cirrus Logic CS5503 Datasheet HTML 27Page - Cirrus Logic CS5503 Datasheet HTML 28Page - Cirrus Logic CS5503 Datasheet HTML 29Page - Cirrus Logic CS5503 Datasheet HTML 30Page - Cirrus Logic CS5503 Datasheet HTML 31Page - Cirrus Logic CS5503 Datasheet HTML 32Page - Cirrus Logic CS5503 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
PIN DESCRIPTIONS
Clock Generator
CLKIN; CLKOUT -Clock In; Clock Out, Pins 3 and 2.
A gate inside the CS5501/CS5503 is connected to these pins and can be used with a crystal or
ceramic resonator to provide the master clock for the device. Alternatively, an external (CMOS
compatible) clock can be input to the CLKIN pin as the master clock for the device. When not
in SLEEP mode, a master clock (CLKIN) should be present at all times.
Serial Output I/O
MODE -Serial Interface Mode Select, Pin 1.
Selects the operating mode of the serial port. If tied to VD- (-5V), the CS5501 will operate in
the UART-compatible AC mode for Asynchronous Communication. The SCLK pin will
operate as an input to set the data rate, and data will transmit formatted with one start and two
stop bits. If MODE is tied to DGND, the CS5501/CS5503 will operate in the SEC
(Synchronous External-Clocking) mode, with the SCLK pin operating as an input and the
output appearing MSB-first. If MODE is tied to VD+ (+5V), the CS5501/CS5503 will operate
in its SSC (Synchronous Self-Clocking) mode, with SCLK providing a serial clock output of
CLKIN/4 (25% duty-cycle).
DRDY -Data Ready, Pin 18.
DRDY goes low every 1024 cycles of CLKIN to indicate that new data has been placed in the
output port. DRDY goes high when all the serial port data is clocked out, when the serial port
is being updated with new data, when a calibration is in progress, or when SLEEP is low.
CS -Chip Select, Pin 16.
An input which can be enabled by an external device to gain control over the serial port of the
CS5501/CS5503.
SERIAL INTERFACE MODE SELECT
MODE
SDATA
SERIAL DATA OUTPUT
CLOCK OUT
CLKOUT
SCLK
SERIAL CLOCK INPUT/OUTPUT
CLOCK IN
CLKIN
DRDY
DATA READY
SYSTEM CALIBRATION 1
SC1
SC2
SYSTEM CALIBRATION 2
DIGITAL GROUND
DGND
CS
CHIP SELECT
NEGATIVE DIGITAL POWER
VD-
VD+
POSITIVE DIGITAL POWER
NEGATIVE ANALOG POWER
VA-
VA+
POSITIVE ANALOG POWER
ANALOG GROUND
AGND
CAL
CALIBRATE
ANALOG IN
AIN
BP/UP
BIPOLAR/UNIPOLAR SELECT
VOLTAGE REFERENCE
VREF
SLEEP
SLEEP
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
* Pinout applies to both DIP and SOIC packages
CS5501/CS5503
DS31F2
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com