Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5503 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS5503
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS5503 Datasheet HTML 39Page - Cirrus Logic CS5503 Datasheet HTML 40Page - Cirrus Logic CS5503 Datasheet HTML 41Page - Cirrus Logic CS5503 Datasheet HTML 42Page - Cirrus Logic CS5503 Datasheet HTML 43Page - Cirrus Logic CS5503 Datasheet HTML 44Page - Cirrus Logic CS5503 Datasheet HTML 45Page - Cirrus Logic CS5503 Datasheet HTML 46Page - Cirrus Logic CS5503 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
RS-232 Port (for CS5501 only)
The CS5501 has a data output mode in which it
formats the data to be UART compatible; each
serial output byte is preceded by a start bit and
terminated with two stop bits. Serial data in this
format is commonly transferred using the RS-232
data interface. Therefore the evaluation board in-
cludes an RS-232 driver and output connector.
The CS5503 does not provide this output mode.
Micro Port
The CS5501/CS5503 was designed to be compat-
ible with many micro-controllers. Therefore the
evaluation board provides access to all of the data
outp ut p ins and th e co ntrol pins of the
CS5501/CS5503 on header connectors.
DIP Switch and CAL Pushbutton
Althoug h all of th e co ntrol lines to the
CS5501/CS5503 are available on header connec-
tors at the edge of the board, it is preferable to not
require software control of all of these pins.
Therefore DIP switch control is provided on some
of these control lines. The CAL input to the
CS5501/CS5503 is made available at a header pin
for remote control, but pushbutton control of CAL
is also provided.
Jumper Selections
The evaluation board has many jumper selectable
options. This table describes the jumper selections
available.
P1
Selects between the on-board 4.9152 MHz
oscillator (INT) or an external (EXT) clock
source as the input to the clock generator/
divider chain.
P2
Allows any of the counter/divider output
clock rates to be selected as the input clock
to the CS5501/CS5503.
P3
Allows selection of baud rate clocks when
the CS5501 is in the UART compatible mode.
When using the on-board 4.9152 MHz stand-
ard baud rates between 1200 and 19,200 are
available.
P4
Selects the divide ratio of the Decimation
Counter.
P5
Selects one of the three available output data
modes of the CS5501 or one of two available
output data modes of the CS5503.
P9
Enables the output of the Decimation
Counter to control the CS line of the
CS5501/CS5503.
P11
Connects the baud clock from the on-board
clock divider as the input to the SCLK pin
of the CS5501/CS5503.
V+
P2
P3
1
2
3
4
5
6
7
8
9
10 11 12
CL
R
TP4
CLKIN (fig. 2)
BRCLK (fig. 2)
16
8
9
7
6
53
2
4
13 12 14 15 1
10
11
TP3
V+
10
9
8
7
11
14
12
13
INTCLK
EXTCLK
4
5
6
TP2
1
2
3
4.9152 MHz
CLKIN
TP1
74HC00
P1
N= 0
1
2
3
45
6
7
8
910 11 12
Master Clock
Baud Clock
TP5
Y1
U1A
U1C
U1D
5.1 k
R2
10 M
R1
30 pF
C1
30 pF
C2
200
R3
0.1
µF
C3
0.1
µF
C5
74HC4040
U2
U1B
Figure 1. Clock Generator
CDB5501/CDB5503
DS31DB3
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com