Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5503 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS5503
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS5503 Datasheet HTML 38Page - Cirrus Logic CS5503 Datasheet HTML 39Page - Cirrus Logic CS5503 Datasheet HTML 40Page - Cirrus Logic CS5503 Datasheet HTML 41Page - Cirrus Logic CS5503 Datasheet HTML 42Page - Cirrus Logic CS5503 Datasheet HTML 43Page - Cirrus Logic CS5503 Datasheet HTML 44Page - Cirrus Logic CS5503 Datasheet HTML 45Page - Cirrus Logic CS5503 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
INTRODUCTION
The CDB5501/CDB5503 evaluation board pro-
vides maximum flexibility for controlling and
interfacing to the CS5501/CS5503 A/D convert-
ers. The CS5501 or the CS5503 require a minimal
amount of external circuitry. The devices can op-
erate with a crystal (or ceramic resonator) and a
voltage reference.
The evaluation board includes several clock
source options, a 2.5 volt trimmable reference,
and circuitry to support several data interface
schemes. The board operates from +5 and -5 volt
power supplies.
Evaluation Board Overview
The CDB5501/CDB5503 evaluation board in-
cludes extensive support circuitry to aid
evaluation of the CS5501/CS5503. The support
circuitry includes the following sections:
1) A clock generator which has an on-board
oscillator and counter divider IC.
2) A 2.5 volt trimmable voltage reference.
3) A Decimation Counter.
4) A parallel output port (for CS5501 only).
5) An RS-232 interface (for CS5501 only).
6) A micro port (for CS5501 or CS5503).
7) DIP switch and CAL pushbutton.
Clock Generator
The CS5501/CS5503 can operate off its on-chip
oscillator or an off-chip clock source. The evalu-
ation board includes a 4.9152 MHz gate oscillator
and counter-divider chain as the primary clock
source for the CS5501/CS5503. The counter-di-
vider outputs offer several jumper-selectable
frequen cies
as
clo ck
inp uts
to
the
CS5501/CS5503. The 4.9152 MHz crystal fre-
quency was chosen to allow the counter-divider
chain to also provide the common serial data rates
(1200, 2400, 4800, etc.) when the CDB5501
evaluation board is configured to provide RS-232
data output. If a different operating frequency for
the CS5501/CS5503 is desired, three options ex-
ist. First, a BNC input is provided to allow an
external CMOS (+5V) compatible clock to be
used. Second, the crystal (Y1) in the on-board
gate oscillator can be changed. Or, third, the on-
chip oscillator of the CS5501/CS5503 can be
used with a crystal connected in the Y2 position.
2. 5 Volt Reference
A 2.5 volt (LT1019CN8-2.5) reference is pro-
vided on the board. Potentiometer R9 allows the
initial value of the reference to be accurately
trimmed.
Decimation Counter
The CS5501/CS5503 updates its internal output
register with a 16-bit word every 1024 clock cy-
cles of the master clock. Each time the output
register is updated the DRDY line goes low. Al-
though output data is updated at a high rate it
may be desirable in certain applications to acti-
vate the CS to read the data at a much lower rate.
A decimation counter is provided on the board for
this purpose.
The counter reduces the rate at
which the CS line of the CS5501 is activated by
only allowing CS to occur at a sub-multiple of the
DRDY rate.
Parallel Output Port (for CS5501 only)
The output data from the CS5501/CS5503 is in
serial form. Some applications may require the
data to be read in parallel format. Therefore the
evaluation board includes two 8-bit shift registers
with three-state outputs. Data from the CS5501 is
shifted into the registers and then read out in
16 bit parallel fashion. The parallel port comes set
up for 16-bit parallel output but can be reconfig-
ured to provide two 8-bit reads. The parallel port
supports the CS5501 only, since the CS5503 out-
puts 20-bit words.
CDB5501/CDB5503
42
DS31DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com