Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5503 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5503
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5503 Datasheet HTML 31Page - Cirrus Logic CS5503 Datasheet HTML 32Page - Cirrus Logic CS5503 Datasheet HTML 33Page - Cirrus Logic CS5503 Datasheet HTML 34Page - Cirrus Logic CS5503 Datasheet HTML 35Page - Cirrus Logic CS5503 Datasheet HTML 36Page - Cirrus Logic CS5503 Datasheet HTML 37Page - Cirrus Logic CS5503 Datasheet HTML 38Page - Cirrus Logic CS5503 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
In such asynchronous configurations the CS5501
is operated much like a successive-approximation
converter with a Convert signal and a subsequent
read cycle.
If it is required to latch the 16-bit data, then 2
74HC595 8-bit "shift register with latch" parts
may be used instead of 74HC299’s.
Serial Interfaces
Figures A3 to A8 offer both the hardware and
software interfaces to several industry-standard
microcontrollers using the CS5501’s SEC and
AC output modes. In each instance a system in-
itialization routine is provided which configures
the controller’s I/O ports to accept the CS5501’s
serial data and clock outputs and/or generate its
own serial clock. The routine also sets the
CS5501 into a known state.
For each interface, a second subroutine is also
provided which will collect one complete 16-bit
output word from the CS5501. Figure A5 illus-
trates the detailed timing throughout the
subroutine for one particular interface - the
COPS family interface of Figure A4.
Figure A2. 8-Bit Parallel Interface
+5V
+5V
S2
A
S1
OE2 OE1
Q
H
OE2
S2
A
S1
OE1
D8
D9
D10
D11
D12
D13
D14
D15
P
A
P
B
P
C
P
D
P
E
P
F
P
G
P
H
P
A
P
B
P
C
P
D
P
E
P
F
P
G
P
H
D0
D1
D2
D3
D4
D5
D6
D7
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
MODE
CS
SDATA
SCLK
DRDY
+5V
DQ
Q
SET
RESET
INT
Only needed for
interrupt driven systems
CS
DRDY
(For polling)
A0
CS5501
CS5503
CS5501/CS5503
DS31F2
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com