Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.2-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2107ACPZ-1.2-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.2-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2107ACPZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 10 of 32
3.00
2.50
2.7
5.7
INPUT VOLTAGE (V)
2.95
2.90
2.85
2.80
2.75
2.70
2.65
2.60
2.55
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
ADP2107 (2A)
TA =25°C
Figure 22. Peak Current Limit of ADP2107
150
0
2.7
5.7
INPUT VOLTAGE (V)
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
135
120
105
90
75
60
45
30
15
VOUT =2.5V
VOUT =1.2V
VOUT =1.8V
TA = 25°C
Figure 23. Pulse Skipping Threshold vs. Input Voltage for ADP2106
4
3
1
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE
INDUCTOR CURRENT
Δ: 260mV
@: 3.26V
CH1 1V
45.8%
CH4 1AΩ
CH3 5V
M 10µs
A CH1
1.78V
T
Figure 24. Short Circuit Response at Output
135
0
2.7
5.7
INPUT VOLTAGE (V)
120
105
90
75
60
45
30
15
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
VOUT =1.8V
VOUT =1.2V
VOUT =2.5V
TA =25°C
Figure 25. Pulse Skipping Threshold vs. Input Voltage for ADP2105
195
0
2.7
5.7
INPUT VOLTAGE (V)
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
180
165
150
135
120
105
90
75
60
45
30
15
VOUT =2.5V
VOUT =1.8V
VOUT =1.2V
TA =25°C
Figure 26. Pulse Skipping Threshold vs. Input Voltage for ADP2107
–40
JUNCTION TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
PMOS POWER SWITCH
NMOS SYNCHRONOUS RECTIFIER
Figure 27. Switch On Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com