Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.2-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2107ACPZ-1.2-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.2-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2107ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 14 of 32
1FB FOR ADP210x-ADJ (ADJUSTABLE VERSION) AND OUT_SENSE FOR ADP210x-xx (FIXED VERSION).
14
13
9
IN
PWIN1
PWIN2
12
10
LX2
11
PGND
LX1
2
GND
7
AGND
16
OUT_SENSE1
16
FB1
6
SS
5
COMP
3
GND
4
GND
8
NC
15
GND
1
EN
SOFT
START
REFERENCE
0.8V
GM ERROR
AMP
FOR PRESET
VOLTAGES
OPTIONS ONLY
PWM/
PFM
CONTROL
CURRENT
LIMIT
ZERO CROSS
COMPARATOR
THERMAL
SHUTDOWN
CURRENT SENSE
AMPLIFIER
DRIVER
AND
ANTI-
SHOOT
THROUGH
SLOPE
COMPENSATION
OSCILLATOR
Figure 34. Block Diagram of the ADP2105/ADP2106/ADP2107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com