Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.2-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2107ACPZ-1.2-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.2-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2107ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 13 of 32
SLOPE COMPENSATION
Slope compensation stabilizes the internal current control loop
of the ADP2105/ADP2106/ADP2107 when operating beyond
50% duty cycle to prevent sub-harmonic oscillations. It is imple-
mented by summing a fixed scaled voltage ramp to the current
sense signal during the on-time of the P-channel MOSFET switch.
The slope compensation ramp value determines the minimum
inductor that can be used to prevent sub-harmonic oscillations
at a given output voltage. The slope compensation ramp values
for ADP2105/ADP2106/ADP2107 follow. For more information,
see the Inductor Selection section.
For the ADP2105:
Slope Compensation Ramp Value = 0.72 A/μs
For the ADP2106:
Slope Compensation Ramp Value = 1.07 A/μs
For the ADP2107:
Slope Compensation Ramp Value = 1.38 A/μs
FEATURES
Enable/Shutdown
Drive EN high to turn on the ADP2105/ADP2106/ADP2107.
Drive EN low to turn off the ADP2105/ADP2106/ADP2107,
reducing input current below 0.1 μA. To force the ADP2105/
ADP2106/ADP2107 to automatically start when input power
is applied, connect EN to IN. When shut down, the ADP2105/
ADP2106/ADP2107 discharge the soft start capacitor, causing
a new soft start cycle every time they are re-enabled.
Synchronous Rectification
In addition to the P-channel MOSFET switch, the ADP2105/
ADP2106/ADP2107 include an integrated N-channel MOSFET
synchronous rectifier. The synchronous rectifier improves
efficiency, especially at low output voltage, and reduces cost and
board space by eliminating the need for an external rectifier.
Current Limit
The ADP2105/ADP2106/ADP2107 have protection circuitry to
limit the direction and amount of current flowing through the
power switch and synchronous rectifier. The positive current
limit on the power switch limits the amount of current that can
flow from the input to the output, while the negative current
limit on the synchronous rectifier prevents the inductor current
from reversing direction and flowing out of the load.
Short Circuit Protection
The ADP2105/ADP2106/ADP2107 include frequency foldback
to prevent output current run-away on a hard short. When the
voltage at the feedback pin falls below 0.3 V, indicating the possi-
bility of a hard short at the output, the switching frequency is
reduced to 1/4 of the internal oscillator frequency. The reduction
in the switching frequency gives more time for the inductor to
discharge, preventing a runaway of output current.
Undervoltage Lockout (UVLO)
To protect against deep battery discharge, undervoltage lockout
circuitry is integrated on the ADP2105/ADP2106/ADP2107.
If the input voltage drops below the 2.2 V UVLO threshold, the
ADP2105/ADP2106/ADP2107 shut down, and both the power
switch and synchronous rectifier turn off. Once the voltage rises
again above the UVLO threshold, the soft start period is initiated,
and the part is enabled.
Thermal Protection
In the event that the ADP2105/ADP2106/ADP2107 junction
temperatures rise above 140°C, the thermal shutdown circuit turns
off the converter. Extreme junction temperatures can be the
result of high current operation, poor circuit board design, and/or
high ambient temperature. A 40°C hysteresis is included so that
when thermal shutdown occurs, the ADP2105/ADP2106/
ADP2107 do not return to operation until the on-chip tempera-
ture drops below 100°C. When coming out of thermal
shutdown, soft start is initiated.
Soft Start
The ADP2105/ADP2106/ADP2107 include soft start circuitry
to limit the output voltage rise time to reduce inrush current at
startup. To set the soft start period, connect the soft start
capacitor (CSS) from SS to AGND. When the ADP2105/ADP2106/
ADP2107 are disabled, or if the input voltage is below the under-
voltage lockout threshold, CSS is internally discharged. When the
ADP2105/ADP2106/ADP2107 are enabled, CSS is charged through
an internal 0.8 μA current source, causing the voltage at SS to rise
linearly. The output voltage rises linearly with the voltage at SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com