Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.2-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2107ACPZ-1.2-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.2-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2107ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 19Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 20Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 17 of 32
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects both the output voltage
ripple and the loop dynamics of the converter. For a given loop
crossover frequency (the frequency at which the loop gain
drops to 0 dB), the maximum voltage transient excursion
(overshoot) is inversely proportional to the value of the output
capacitor. Therefore, larger output capacitors result in improved
load transient response. To minimize the effects of the dc-to-dc
converter switching, the crossover frequency of the compensation
loop should be less than 1/10 of the switching frequency. Higher
crossover frequency leads to faster settling time for a load transient
response, but it can also cause ringing due to poor phase
margin. Lower crossover frequency helps to provide stable
operation but needs large output capacitors to achieve competitive
overshoot specifications. Therefore, the optimal crossover
frequency for the control loop of ADP2105/ADP2106/ADP2107
is 80 kHz, 1/15 of the switching frequency. For a crossover
frequency of 80 kHz, Figure 37 shows the maximum output
voltage excursion during a 1A load transient, as the product of
the output voltage and the output capacitor is varied. Choose
the output capacitor based on the desired load transient
response and target output voltage.
18
0
15
70
OUTPUT CAPACITOR × OUTPUT VOLTAGE (μC)
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
20
25
30
35
40
45
50
55
60
65
Figure 37. % Overshoot for a 1 A Load Transient Response vs.
Output Capacitor × Output Voltage
For example, if the desired 1A load transient response (overshoot)
is 5% for an output voltage of 2.5 V, then from Figure 37
Output Capacitor × Output Voltage = 50 μC
F
μ
20
5
.
2
C
μ
50
≈
=
⇒
Capacitor
Output
The ADP2105/ADP2106/ADP2107 have been designed for
operation with small ceramic output capacitors that have low
ESR and ESL, thus comfortably able to meet tight output voltage
ripple specifications. X5R or X7R dialectrics are recommended
with a voltage rating of 6.3 V or 10 V. Y5V and Z5U dialectrics
are not recommended, due to their poor temperature and dc
bias characteristics. Table 9 shows a list of recommended MLCC
capacitors from Murata and Taiyo Yuden.
It is also important, while choosing output capacitors, to
account for the loss of capacitance due to output voltage dc bias.
Figure 38 shows the loss of capacitance due to output voltage dc
bias for a few X5R MLCC capacitors from Murata.
20
–100
VOLTAGE (VDC)
0
–20
–40
–60
–80
0
246
1
3
2
14.7µF 0805 X5R MURATA GRM21BR61A475K
210µF 0805 X5R MURATA GRM21BR61A106K
322µF 0805 X5R MURATA GRM21BR60J226M
Figure 38. % Drop-In Capacitance vs. DC Bias for Ceramic Capacitors
(Information Provided by Murata Corporation)
For example, to get 20 μF output capacitance at an output voltage
of 2.5 V, based on Figure 38, as well as giving some margin for
temperature variance, it is suggested that a 22 μF and a 10 μF
capacitor be used in parallel to ensure that the output capacitance
is sufficient under all conditions for stable behavior.
Table 9. Recommended Input and Output Capacitor Selection
for the ADP2105/ADP2106/ADP2107
Vendor
Capacitor
Murata
Taiyo Yuden
4.7 μF 10 V
X5R 0805
GRM21BR61A475K
LMK212BJ475KG
10 μF 10 V
X5R 0805
GRM21BR61A106K
LMK212BJ106KG
22 μF 6.3 V
X5R 0805
GRM21BR60J226M
JMK212BJ226MG
INPUT CAPACITOR SELECTION
The input capacitor reduces input voltage ripple caused by the
switch currents on the PWIN pins. Place the input capacitors as
close as possible to the PWIN pins. Select an input capacitor
capable of withstanding the rms input current for the maximum
load current in your application.
For the ADP2105, it is recommended that each PWIN pin be
bypassed with a 4.7 μF or larger input capacitor. For the ADP2106,
bypass the PWIN pins with a 10 μF and a 4.7 μF capacitor, and
for the ADP2107, bypass each PWIN pin with a 10 μF capacitor.
As with the output capacitor, a low ESR ceramic capacitor is
recommended to minimize input voltage ripple. X5R or X7R
dialectrics are recommended, with a voltage rating of 6.3 V or
10 V. Y5V and Z5U dialectrics are not recommended, due to
their poor temperature and dc bias characteristics. Refer to
Table 9 for input capacitor recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com