Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2107ACPZ-1.2-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2107ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP2107ACPZ-1.2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 15 of 32
APPLICATIONS INFORMATION
EXTERNAL COMPONENT SELECTION
The external component selection for the ADP2105/ADP2106/
ADP2107 application circuits shown in Figure 35 and Figure 36
depend on input voltage, output voltage, and load current
requirements. Additionally, tradeoffs between performance
parameters like efficiency and transient response can be made
by varying the choice of external components.
SETTING THE OUTPUT VOLTAGE
The output voltage of ADP2105/ADP2106/ADP2107-ADJ is
externally set by a resistive voltage divider from the output
voltage to FB. The ratio of the resistive voltage divider sets the
output voltage, while the absolute value of those resistors sets
the divider string current. For lower divider string currents, the
small 10 nA (0.1 μA maximum) FB bias current should be taken
into account when calculating resistor values. The FB bias
current can be ignored for a higher divider string current, but
this degrades efficiency at very light loads.
To limit output voltage accuracy degradation due to FB bias
current to less than 0.05% (0.5% maximum), ensure that the
divider string current is greater than 20 μA. To calculate the
desired resistor values, first determine the value of the bottom
divider string resistor, RBOT, by
STRING
FB
BOT
I
V
R
=
where:
VFB = 0.8 V, the internal reference.
ISTRING is the resistor divider string current.
OFF
EN
SS
LX2
AGND
OUTPUT VOLTAGE = 1.2V, 1.5V, 1.8V, 3.3V
COMP
ON
PGND
GND
GND
GND
NC
LX1
PWIN2
VIN
VIN INPUT VOLTAGE = 2.7V TO 5.5V
VOUT
CSS
RCOMP
CCOMP
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
L
COUT
LOAD
CIN2
CIN1
10Ω
0.1μF
NC = NO CONNECT
ADP2105/
ADP2106/
ADP2107
VOUT
OUT_SENSE
PWIN1
IN
GND
Figure 35. Typical Applications Circuit for Fixed Output Voltage Options (ADP2105/ADP2106/ADP2107-xx)
OFF
EN
SS
LX2
FB
PWIN1
AGND
OUTPUT VOLTAGE
=0.8VTO VIN
COMP
ON
PGND
IN
GND
GND
GND
NC
GND
LX1
PWIN2
VIN
VIN INPUT VOLTAGE = 2.7V TO 5.5V
FB
CSS
RCOMP
CCOMP
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
L
COUT
LOAD
CIN2
CIN1
10Ω
0.1μF
RTOP
RBOT
FB
NC = NO CONNECT
ADP2105/
ADP2106/
ADP2107
Figure 36. Typical Applications Circuit for Adjustable Output Voltage Option (ADP2105/ADP2106/ADP2107-ADJ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com