Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6524 Datasheet(PDF) 52 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 48Page - STMicroelectronics VL6524 Datasheet HTML 49Page - STMicroelectronics VL6524 Datasheet HTML 50Page - STMicroelectronics VL6524 Datasheet HTML 51Page - STMicroelectronics VL6524 Datasheet HTML 52Page - STMicroelectronics VL6524 Datasheet HTML 53Page - STMicroelectronics VL6524 Datasheet HTML 54Page - STMicroelectronics VL6524 Datasheet HTML 55Page - STMicroelectronics VL6524 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
Register map
VL6524/VS6524
52/70
Flicker frequency control
Defect correction control
Sharpening control
Fade to black damper control
Table 24.
Flicker frequency control
Name
Index
R/W
Data
Type
Format
default
Description
bAntiFlickerMode
0x10c0
R/W
C
0x01
Modes for anti-flicker compilation.
0x00 = Inhibit
0x01 = Manual Enable
bLightingFreqHz
0x0c80
R/W
I
0x64
Flicker free time period calculations this
should be 2* AC mains frequency
0x64 = 100 = 50Hz AC freq
0x78 =120 = 60Hz AC freq
fFlickerComplatible
FrameLength
0x0c82
R/W
B
0x00
Set to make the frame length compatible
with the flicker free time period,
0x00 = FALSE
0x01 = TRUE
Table 25.
Defect correction control
Name
Index
R/W
Data
Type
Format
default
Description
fDisableScytheFilter
0x1a80
R/W
B
0x00
0x00 = False
0x01 = True
fDisableJackFilter
0x1b00
R/W
B
0x00
0x00 = False
0x01 = True
Table 26.
Sharpening control
Name
Index
R/W
Data
Type
Format
default
Description
bUserPeakGain
0x1d80
R/W
I
0x0f
Adjust gradient of sharpening system
bUserPeakLo
Threshold
0x1d90
R/W
I
0x1e
The coring threshold is used to stop the
sharpening gain being applied to very small
changes in the image (i.e. Noise).
Table 27.
Fade to black damper control
Name
Index
R/W
Data
Type
Format
default
Description
fDisable
0x2000
R/W
B
0x00
Set to disable fade to black operation.
0x00 = False
0x01 = True



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com