Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6524 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 15Page - STMicroelectronics VL6524 Datasheet HTML 16Page - STMicroelectronics VL6524 Datasheet HTML 17Page - STMicroelectronics VL6524 Datasheet HTML 18Page - STMicroelectronics VL6524 Datasheet HTML 19Page - STMicroelectronics VL6524 Datasheet HTML 20Page - STMicroelectronics VL6524 Datasheet HTML 21Page - STMicroelectronics VL6524 Datasheet HTML 22Page - STMicroelectronics VL6524 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
VL6524/VS6524
Output frame size control
19/70
Figure 6.
Crop controls (
Table 16: Pipe setup bank0 control)
Complete lines which fall outside the window of interest are replaced in the output data
frame with lines of blanking data thus the overall frame length is
not reduced.
The portion of the output line which contains video data is reduced in length to contain only
those pixels defined by the window of interest. However the
overall line length remains
unchanged as the number of interline clocks increases by the same amount.
Figure 7.
Crop 30fps output frame
uwCropHStartMSB0
uwCropHStartLSB0
,
uwCropVStartMSB0
uwCropVStartLSB0
uwCropHSizeMSB0
uwCropHSizeLSB0
uwCropVSizeMSB0
uwCropVSizeLSB0
Cropped ROI
Sensor array horizontal size = 640
Sensor array
vertical size
= 480
FFOV VGA Array
Interframe blanking lines
CropVsize Lines
Line blanking
1460 PCLKs
Interframe blanking lines
2x CropHsize PCLKs
(CropHsize by
553 lines
CropVsize pixels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com