Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6524 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 27Page - STMicroelectronics VL6524 Datasheet HTML 28Page - STMicroelectronics VL6524 Datasheet HTML 29Page - STMicroelectronics VL6524 Datasheet HTML 30Page - STMicroelectronics VL6524 Datasheet HTML 31Page - STMicroelectronics VL6524 Datasheet HTML 32Page - STMicroelectronics VL6524 Datasheet HTML 33Page - STMicroelectronics VL6524 Datasheet HTML 34Page - STMicroelectronics VL6524 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
VL6524/VS6524
Getting started
31/70
9
Getting started
9.1
Initial power up
Before any communication is possible with the VL6524/VS6524 the following steps must
take place:
1.
Apply VDD (1.8V or 2.8V)
2.
Apply AVDD (2.8V)
3.
Apply an external CLOCK (6.5 MHz to 26 MHz)
4.
Assert CE line HIGH
These steps can all take place simultaneously. After these steps are complete a delay of
200 µs is required before any I²C communication can take place, see
Figure 3: Power up
sequence.
9.2
Minimum startup command sequence
1.
Enable the microprocessor - before any commands can be sent to the
VL6524/VS6524, the internal microprocessor must be enabled by writing the value
0x06 to the
MicroEnable register 0xC003 (Table 7: Low-level control registers).
2.
Enable the digital I/O - after power up the digital I/O of the VL6524/VS6524 is in a high-
impedance state (‘tri-state’). The I/O are enabled by writing the value 0x01 to the
Enable I/O register 0xC034 (Table 7: Low-level control registers).
3.
The user can then program the system clock frequency and setup the required output
format before placing the VL6524/VS6524 in RUN mode by writing 0x02 to the
bUserCommand register 0x0180 (Table 9: Mode control).
The above three commands represent the absolute minimum required to get video data
output.
The default configuration results in an output of VGA, 30 fps, YUV data format with ITU
embedded codes requiring a external clock frequency of 12MHz.
In practice the user is likely to require to write some additional setup information prior to
receive the required data output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com