Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6524 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 5Page - STMicroelectronics VL6524 Datasheet HTML 6Page - STMicroelectronics VL6524 Datasheet HTML 7Page - STMicroelectronics VL6524 Datasheet HTML 8Page - STMicroelectronics VL6524 Datasheet HTML 9Page - STMicroelectronics VL6524 Datasheet HTML 10Page - STMicroelectronics VL6524 Datasheet HTML 11Page - STMicroelectronics VL6524 Datasheet HTML 12Page - STMicroelectronics VL6524 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
VL6524/VS6524
Electrical interface
9/70
2
Electrical interface
The device has 20 electrical connections as listed in
Table 1. The physical orientation of the
pins on the device is shown in
Figure 36.
Table 1.
VL6524/VS6524 signal description
Pad socket
Pad name
I/O
Description
1
GND
PWR
Analogue ground
2
D02
OUT
Data output D2
3
D03
OUT
Data output D3
4
HSYNC
OUT
Horizontal synchronization output
5
VSYNC
OUT
Vertical synchronization output
6
D07
OUT
Data output D7
7
D06
OUT
Data output D6
8
D05
OUT
Data output D5
9
D04
OUT
Data output D4
10
CLK
IN
Clock input - 6.5MHz to 26 MHz
11
GND
PWR
Digital ground
12
FSO
OUT
Flash output
13
CE
IN
Chip enable signal active HIGH
14
SCL
IN
I²C clock input
15
SDA
I/O
I²C data line
16
AVDD
PWR
Analogue supply 2.4 V to 3.0 V
17
D01
OUT
Data output D1
18
D00
OUT
Data output D0
19
PCLK
OUT
Pixel qualification clock
20
VDD
PWR
Digital supply 1.8 V OR 2.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com