Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6524 Datasheet(PDF) 45 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 41Page - STMicroelectronics VL6524 Datasheet HTML 42Page - STMicroelectronics VL6524 Datasheet HTML 43Page - STMicroelectronics VL6524 Datasheet HTML 44Page - STMicroelectronics VL6524 Datasheet HTML 45Page - STMicroelectronics VL6524 Datasheet HTML 46Page - STMicroelectronics VL6524 Datasheet HTML 47Page - STMicroelectronics VL6524 Datasheet HTML 48Page - STMicroelectronics VL6524 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
VL6524/VS6524
Register map
45/70
Mode Status [read only]
RunModeControl
Clock manager input control
Power management control
Table 10.
Mode status
Name
Index
R/W
Data
Type
Format
default
Description
bState
0x0202
R
C
0x10
0x10 - RAW
0x21 - Waiting for BOOT
0x22 - PAUSED
0x26 - Waiting for RUN
0x31 - RUNNING
0x32 - Waiting for PAUSE
0x40 - FLASHGUN
0x50 - STOPPED
Table 11.
RunModeControl
Name
Index
R/W
Data
Type
Format
default
Description
fMeteringOn
0x0280
R/W
B
0x01
0x00 = False
0x01 = True
Table 12.
Clock manager input control
Name
Index
R/W
Data
Type
Format
default
Description
uwExtClockFreqNum
(MSB)
0x060b
R/W
I
0x00
Specifies the external clock frequency
numerator
Default = 12 MHz
uwExtClockFreqNum
(LSB)
0x060c
R/W
I
0x0c
bExtClockFreqDen
0x060e
R/W
I
0x01
Specifies the external clock frequency
denominator
bEnableGlobalSystem
ClockDivision
0x0610
R/W
B
0x00
0x00 = False
0x01 = True -system clock division by 2
Table 13.
Power management control
Name
Index
R/W
Data
Type
Format
default
Description
bTimeToPowerdown
0x0580
R/W
I
0x0f
Time (ms) from pausing streaming to
entering stop. In the range 5 to 154 ms
0xff - disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com