Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9366CDSP Datasheet(PDF) 3 Page - KISTLER INSTRUMENT CORPORATION

Part # 9366CDSP
Description  Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9366CDSP Datasheet(HTML) 3 Page - KISTLER INSTRUMENT CORPORATION

  9366CDSP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3/6
Multicomponent Force Link Set, ø72 mm, –25 ... 60 kN, Type 9366CDsp
© 2023 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group
products are protected by various intellectual property rights. For more details
visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Size of Top Plate
The top plate must have dimensions between 300x300 mm
and 900x900 mm. The size of steel top plates chosen must
not exceed 600x600 mm. A cable length of 0.5 m is sufficient
for top plates up to 750x750 mm in size. For larger sizes the
corresponding cable length has to be specified.
Weight of Top Plate
The weight of the top plate can be calculated from the dimen-
sions as follows:
• Weight of steel top plate
L x B x H x 7,8 x 10–6 kg/mm3
• Weight of aluminum top plate L x B x H x 2,8 x 10–6 kg/mm3
X
Y
Z
1
2
3
4
300 L 900
b
b
min 50
min 50
Fig. 3: Size of top plate
Thickness of Top Plate
The thickness depends on the size, load and material of the top
plate. It must not be less that the recommended values.
Fig. 4: Size of top plate
30
40
50
60
70
80
90
100
300
350
400
450
500
550
600
650
700
750
800
850
900
Top plate length L [mm]
Aluminum
Steel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com