Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9366CDSP Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9366CDSP
Description  Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9366CDSP Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9366CDSP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1/6
Force
Multicomponent Force Link Set
ø72 mm, –25 ... 60 kN
© 2023 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group
products are protected by various intellectual property rights. For more details
visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Type 9366CDsp
Type 9366CDsp
This is a ready-to-connect kit for customer assembly of mul-
ticomponent force plates. The size of the top plate can be
chosen within wide limits.
• For assembling your multicomponent force plate
• Easy assembly
• Detachable sensor cables
• Reliable
• No recalibration necessary
Description
The 3-component force sensor is mounted between two flang-
es under preload. It is able to measure both compression and
tensile forces in any direction. A force produces a proportional
electric charge according to the piezoelectric principle. The
simple, vibration-resistance design of the force link is very rigid
in order to ensure a high natural frequency as required for
highly dynamic force measurement.
The outputs of the four force links are interconnected in the
summing box to enable measurement of the three orthogonal
forces Fx, Fy and Fz as well as 6-component force and mo-
ment (Fx, Fy, Fz, Mx, My and Mz) acquisition. The four sensors
are mounted with ground isolation to largely rule out ground
loop problems. The rustproof set is protected against entry of
splashing water and coolant. Together with the connecting
cable Type 1687B.../1677A... it satisfies the requirements for
IP67 penetration. The summing box is available separately as
Type 5447A.
Multicomponent quartz force links measure simply, directly
and very accurately.
Applications
A multicomponent force plate measures:
• Cutting forces involved in metal-cutting machining
• Impact forces in crash tests
• Rocket engine thrust forces
• Vibration forces in aerospace components
• Friction forces
• Product testing forces
• On-road and test stand vehicle forces
• Forces on wind tunnel balances
Technical Data
T
Max. allowed measuring range Fx and Fy
kN
–25 … 25
mounted on steel top plate Fz
kN
–25 … 60
300x300x35 mm (LxWxH)
Allowed measuring ranges
Fx, Fy and Fz
see Fig. 5
with top plates of various sizes
Calibrating measuring range
Fx and Fy
kN
0 … 25
mounted on steel top plate
Fz
kN
0 … 60
300x300x35 mm (LxWxH)
Calibrated partial measuring
Fx, Fy
kN
0 … 2,5
range
and Fz
kN
0 ... 6
Threshold
N
<0,01
Sensitivity, nominal
Fx, Fy,
pC/N
≈–7,8
and Fz
pC/N
≈–3,8
Difference in sensitivity
Fx, Fy and Fz
%
≤±2
with top plates of various sizes
Linearity, all ranges
%
FSO ≤±1
Hysteresis, all ranges
%
FSO ≤1
Crosstalk
Fz → Fx and Fy
%
2
Fx ↔ Fy
%
2
Fx and Fy → Fz %
2
Natural frequency
fn(x), fn(y)
see Fig. 6
with mounted top plate
and fn(z)
Operating temperature range
°C
–20 ... 70
Capacitance of
xi, yi channels
pF
330
Type 9366CD (0.5 m cable) zi channels
pF
170
Insulation resistance at 20 °C
Ω
>1013
Ground isolation
Ω
>108
Protection rating to EN 60519
IP67
Connection
Fischer flange
9-pin neg.
Weight of Type 9366CDsp
kg
≈7,0
Fz
Fx
Fy


Similar Part No. - 9366CDSP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9366 BELDEN-9366 Datasheet
158Kb / 2P
High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9366-0601000 BELDEN-9366-0601000 Datasheet
158Kb / 2P
High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9366-0605000 BELDEN-9366-0605000 Datasheet
158Kb / 2P
High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9366-060U500 BELDEN-9366-060U500 Datasheet
158Kb / 2P
High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
logo
Knowles Capacitors All ...
936669 JOHANSONMANUFACTURING-936669 Datasheet
387Kb / 2P
Lumped Highpass Filter
KPD_11_2022
More results

Similar Description - 9366CDSP

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9129AA KISTLER-9129AA Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 10 kN, cover plate 90x105 mm
9139A KISTLER-9139A Datasheet
1Mb / 5P
Multicomponent Dynamometer Wide force measuring range, up to 30 kN, cover plate 140x190 mm
9253B KISTLER-9253B Datasheet
1Mb / 7P
Multicomponent Force Plate –15 ... 30 kN, mounting plate 600x400 mm
9255C KISTLER-9255C Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 60 kN, top plate 260x260 mm
9257B KISTLER-9257B Datasheet
1,015Kb / 5P
Multicomponent Dynamometer –5 ... 10 kN, top plate 100x170 mm
9260AA KISTLER-9260AA Datasheet
879Kb / 5P
Multicomponent Force Plate for Gait and Balance Analysis in Biomechanics, Fz 0 ... 5 kN
9281E KISTLER-9281E Datasheet
1,001Kb / 4P
Multicomponent Force Plate for Dynamic Applications in Biomechanics, Fz –10 ... 20 kN
9285B KISTLER-9285B Datasheet
485Kb / 3P
Multicomponent Force Plate with Glass Top Plate for Biomechanics, Fz 0 ... 10 kN
9286B KISTLER-9286B Datasheet
1Mb / 4P
Multicomponent Force Plate Portable – for Applications in Biomechanics, Fz 0 ... 10 kN
9287C KISTLER-9287C Datasheet
758Kb / 4P
Multicomponent force plate Large – for dynamic applications in biomechanics, Fz –10 ... 20 kN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com