Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9366CDSP Datasheet(PDF) 5 Page - KISTLER INSTRUMENT CORPORATION

Part # 9366CDSP
Description  Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9366CDSP Datasheet(HTML) 5 Page - KISTLER INSTRUMENT CORPORATION

  9366CDSP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5/6
Multicomponent Force Link Set, ø72 mm, –25 ... 60 kN, Type 9366CDsp
© 2023 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group
products are protected by various intellectual property rights. For more details
visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Measuring system
1)
See data sheet entitled Cables for Multicomponent Force Sensors, Dynamometers and Force Plates (1687B_000-545).
Parallel Connection
When assembling the force plate the four force links are me-
chanically connected in parallel. The measurement signals
(electric charge) of the four sensors are also connected in par-
allel in the summing box. The summed signal corresponds to
the algebraic sum of the individual forces.
Calibration
The multicomponent force link set is calibrated in the fac-
tory with a 300x300x35 mm steel top plate. Depending on
the chosen size of top plate, the sensitivity of the three force
components Fx, Fy and Fz can deviate up to ±2 % from the
calibrated value.
Measurement Signal Conditioning
A multichannel charge amplifier is required to complete the
measuring system. It converts the measurement signals into an
electrical voltage. The measurement is exactly proportional to
the acting force. Multichannel charge amplifier Type 5080A...
has been manufactured specifically for multicomponent force
measuring systems.
Fig. 7: Multichannel charge amplifier Type 5080A...
Connection cable 1)
Multichannel
Measurement
charge amplifier
pos.
pos.
Type 1687B…
3-conductor
Fx12
Fx34
Fy14
Fy23
Fz1
Fz2
Fz3
Fz4
pos.
pos.
Type 1677A…
8-
conductor
Type 5167Ax1
Type 5080Axx80004
Fx
Fy
Fz
Mx
My
Mz
Multicomponent
Measurement force link set
Fx
Fy
Fz
Fx12
Fx34
Fy14
Fy23
Fz1
Fz2
Fz3
Fz4
Fx
Fy
Fz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com