Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9366CDSP Datasheet(PDF) 4 Page - KISTLER INSTRUMENT CORPORATION

Part # 9366CDSP
Description  Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9366CDSP Datasheet(HTML) 4 Page - KISTLER INSTRUMENT CORPORATION

  9366CDSP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4/6
Multicomponent Force Link Set, ø72 mm, –25 ... 60 kN, Type 9366CDsp
© 2023 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group
products are protected by various intellectual property rights. For more details
visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Measuring Ranges
The maximum allowed measuring range of the force plate
depends on the dimensions and material of the top plate and
on the point of force application.
The maximum measuring ranges applied for a point of force
application within and no more than 100 mm above the sur-
face of the top plate.
-30
-20
-10
0
10
20
30
40
50
60
70
300
350
400
450
500
550
600
650
700
750
800
850
900
Top plate length L [mm]
Fz_steel
Fz_alu
Fx,y_steel / alu
Fz ; Fx,y_steel / alu
2
2
,
Fy
Fx
y
Fx
+
=
Fig. 5: Measuring ranges
Natural Frequency
A carefully mounted force plate of the recommended thickness
achieves the following approximate natural frequencies.
0
200
400
600
800
1000
1200
1400
1600
1800
300
350
400
450
500
550
600
650
700
750
800
850
900
Top plate length L [mm]
Steel
Aluminum
Fig. 6: Natural freqency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com