Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9366CDSP Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 9366CDSP
Description  Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9366CDSP Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  9366CDSP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9366CDSP Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2/6
Multicomponent Force Link Set, ø72 mm, –25 ... 60 kN, Type 9366CDsp
© 2023 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group
products are protected by various intellectual property rights. For more details
visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Assembly
The multicomponent force link set is first connected to the
4 sensor cables of the summing box and then mounted on
the prepared top plate fabricated as directed in the instruc-
tion manual. Four M12 Allen screws are then used to mount
the fully assembled force plate on a flat, clean base plate.
Uneven bearing surfaces induce internal stresses that substan-
tially increase the loading on the individual force links and can
increase crosstalk.
The four mounting holes in the top plate are sealed with a
protective lid (optional accessory).
Once the set has been correctly assembled, the force plate is
ready for immediate use without recalibration.
Dimensions
M12
M6
Top plate
Protective lid
Force link
Base plate
Fig.1: Mounting set Type 9366CDsp
ø72
8xM6
ø56
ø42
–0,05
–0,1
ø13
ø18,6
ø42
ø60
Cable length: l
ø5,3
Summing box
93x93x33 mm
Fischer flange 9-way neg.
67
76
Fig. 2: Dimensions of multicomponent force link set Type 9366CDsp



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com