Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8141ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8141ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8141ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8141ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADL8141
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 22
14 GH
z TO 15 GHz FREQUENCY RANGE
Supply voltage (VDD) = 2 V, quiescent current (IDQ) = 25 mA, bias reference (RBIAS) = 768 Ω, and TC = 25°C, unless otherwise noted.
Table 1. 14 GHz to 15 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
14
15
GHz
GAIN
27
29
dB
Gain Variation over Temperature
0.025
dB/°C
NOISE FIGURE
1.7
dB
RETURN LOSS
Input (S11)
12.5
dB
Output (S22)
7
dB
OUTPUT
OP1dB
3.5
6
dBm
Saturated Output Power (PSAT)
9
dBm
OIP3
11
dBm
Measurement taken at output power (POUT) per tone =
−2 dBm
Second-Order Intercept (OIP2)
8.5
dBm
Measurement taken at POUT per tone = −2 dBm
15 GH
z TO 22 GHz FREQUENCY RANGE
VDD = 2 V, IDQ = 25 mA, RBIAS = 768 Ω, and TC = 25°C, unless otherwise noted.
Table 2. 15 GHz to 22 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
15
22
GHz
GAIN
26.5
28.5
dB
Gain Variation over Temperature
0.024
dB/°C
NOISE FIGURE
1.4
dB
RETURN LOSS
S11
15
dB
S22
12
dB
OUTPUT
OP1dB
6
9
dBm
PSAT
11.5
dBm
OIP3
18
dBm
Measurement taken at POUT per tone = −2 dBm
OIP2
23
dBm
Measurement taken at POUT per tone = −2 dBm
22 GH
z TO 24 GHz FREQUENCY RANGE
VDD = 2 V, IDQ = 25 mA, RBIAS = 768 Ω, and TC = 25°C, unless otherwise noted.
Table 3. 22 GHz to 24 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
22
24
GHz
GAIN
26
dB
Gain Variation over Temperature
0.033
dB/°C
NOISE FIGURE
1.5
dB
RETURN LOSS
S11
13.5
dB
S22
5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com