Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8141ACPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL8141ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8141ACPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL8141ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADL8141
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 22
Table 5. Absolute Maximum Ratings
Parameter
Rating
VDD
4 V
RF Input Power (RFIN)
20 dBm
Pulsed RFIN (Duty Cycle = 10%, Pulse Width = 100 μs) 22 dBm
Continuous Power Dissipation (PDISS), TCASE = 85°C
(Derate 5.71 mW/°C Above 85°C)
0.51 W
Temperature
Storage Range
−65°C to +150°C
Operating Range
−40°C to +85°C
Quiescent Channel (TCASE = 85°C, VDD = 2 V, IDQ =
25 mA, Input Power (PIN) = Off)
93.75°C
Maximum Channel
175°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the channel to case thermal resistance.
Table 6. Thermal Resistance
Package Type
θJC
Unit
CP-8-30
Quiescent, TCASE = 25°C
141
°C/W
Worst Case1, TCASE = 85°C
175
°C/W
1 Worst case across all specified operating conditions.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADL8141
Table 7. ADL8141, 8-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±500
1B
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com