Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8141ACPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL8141ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8141ACPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL8141ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADL8141
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 19 of 22
The basic connections for operating the ADL8141 over the speci-
fied frequency range are shown in Figure 72. No external biasing
inductor is required, allowing the 2 V supply to be connected to the
VDD pin. Power supply decoupling capacitors of 0.1 µF and 100 pF
are recommended. The power supply decoupling capacitors shown
in Figure 72 represent the configuration used to characterize and
qualify the ADL8141.
To set the IDQ, connect a resistor, R2, between the RBIAS and VDD
pins. A default value of 768 Ω is recommended, which results in
a nominal IDQ of 25 mA. The RBIAS pin also draws a current that
varies with the value of RBIAS, and this current is typically a few mA.
Do not leave the RBIAS pin open.
The RFIN and RFOUT pins are internally AC-coupled. If the
RFOUT pin is connected to a DC bias level other than 0 V,
AC-couple the RFOUT pin because of the internal DC path to
ground on RFOUT.
Figure 72. Typical Application Circuit
RECOMMENDED BIAS SEQUENCING
See the ADL8141-EVALZ user guide for the recommended bias
sequencing information.
Table 9. Recommended Bias Resistor Values for VDD = 2 V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
1582
15
14
1
1142
20
18.7
1.3
768
25
23
2
589
30
27.7
2.3
460
35
32.1
2.9
370
40
36.5
3.49
304
45
40.9
4.07
254
50
45.39
4.67
215
55
49.79
5.27
184
60
54.17
5.86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com