Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8141ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL8141ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8141ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL8141ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADL8141
RECOMMENDED POWER MANAGEMENT CIRCUIT
analog.com
Rev. 0 | 21 of 22
Figure 75 shows a recommended power management circuit that
uses the LT3083 low dropout (LDO) regulator. With the IN and
VCONTROL pins tied together, the minimum input voltage (VIN) is 3.6
V when an output voltage (VOUT) of 2 V is required along with a
current draw of up to 3 A. Assuming that the ADL8141 is used in
a large array, a single LT3083 can easily provide power to the low
noise amplifier in a 64-element array.
Table 10 provides recommended resistor values to set the other
VDD voltages. In each case, the minimum external supply is the
minimum dropout voltage from the VCONTROL input to VOUT.
Table 10. Recommended Resistor Values for the Various LDO Output Voltages
LDO VOUT (V)
R2 (kΩ)
Minimum VDD (V)
1.5
30.1
3.1
2
40.2
3.6
2.5
49.9
4.1
3.3
66.5
4.9
4
80.6
5.6
Figure 75. Recommended Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com