Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8141ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8141ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8141ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8141ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8141ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet
ADL8141
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Low noise, high gain LNA for Ku and K band
Frequency range: 14 GHz to 24 GHz
Low noise figure: 1.4 dB typical at 15 GHz to 22 GHz
High gain: 29 dB typical at 14 GHz to 15 GHz
Integrated AC coupling capacitors
Integrated bias inductor
Single positive supply: 2 V with IDQ = 25 mA
RBIAS drain current adjustment pin
RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP
APPLICATIONS
Ku band and K band satellite communications
GENERAL DESCRIPTION
The ADL8141 is a low power consumption, low noise amplifier
that operates from 14 GHz to 24 GHz. Typical gain, noise figure,
and output third-order intercept (OIP3) are 29 dB, 1.4 dB, and 18
dBm, respectively. Typical supply current is 25 mA from a 2 V
supply. OIP3 and output power for 1 dB compression (OP1dB) can
be increased by adjusting a supply-referenced resistor connected
to the RBIAS pin. The RF input and output of the ADL8141 are
internally matched and AC-coupled.
The ADL8141 is fabricated on a gallium arsenide (GaAs), pseu-
domorphic high electron mobility transistor (pHEMT), monolithic
microwave integrated circuit (MMIC) process. The ADL8141 is
housed in a RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP and is
specified for operation from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL8141ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8141ACPZN-R7-CSL AD-ADL8141ACPZN-R7-CSL Datasheet
263Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results

Similar Description - ADL8141ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8121 AD-ADL8121 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8102 AD-ADL8102 Datasheet
1Mb / 23P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com