Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9705BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9705BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9705BCPZ Datasheet HTML 1Page - Analog Devices AD9705BCPZ Datasheet HTML 2Page - Analog Devices AD9705BCPZ Datasheet HTML 3Page - Analog Devices AD9705BCPZ Datasheet HTML 4Page - Analog Devices AD9705BCPZ Datasheet HTML 5Page - Analog Devices AD9705BCPZ Datasheet HTML 6Page - Analog Devices AD9705BCPZ Datasheet HTML 7Page - Analog Devices AD9705BCPZ Datasheet HTML 8Page - Analog Devices AD9705BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 4 of 52
SPECIFICATIONS
DC SPECIFICATIONS (3.3 V)
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 2 mA, unless otherwise noted.
Table 1.
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
14
12
10
8
Bits
DC ACCURACY1
Integral Nonlinearity (INL)
Precalibration
±1.4
±6.0
±0.41
±1.48
±0.10
±0.36
±0.03
±0.09
LSB
Integral Nonlinearity (INL)
Postcalibration
±0.9
±0.30
±0.10
LSB
Differential Nonlinearity (DNL)
Precalibration
±1.2
±4.4
±0.35
±1.17
±0.09
±0.31
±0.02
±0.08
LSB
Differential Nonlinearity (DNL)
Postcalibration
±0.4
±0.13
±0.03
LSB
ANALOG OUTPUT
Offset Error
−0.03
0
+0.03
−0.03
0
+0.03
−0.03
0
+0.03
−0.03
0
+0.03
% of FSR
Gain Error (With External
Reference)
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
% of FSR
Gain Error (With Internal
Reference)
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
% of FSR
Full-Scale Output Current2
1
2
5
1
2
5
1
2
5
1
2
5
mA
Output Compliance Range
(From OTCM to IOUTA/IOUTB)
−0.8
+0.8
−0.8
+0.8
−0.8
+0.8
−0.8
+0.8
V
Output Resistance
200
200
200
200
MΩ
Output Capacitance
5
5
5
5
pF
REFERENCE OUTPUT
Reference Voltage
0.98
1.025
1.08
0.98
1.025
1.08
0.98
1.025
1.08
0.98
1.025
1.08
V
Reference Output Current3
100
100
100
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
0.1
1.25
0.1
1.25
0.1
1.25
V
Reference Input Resistance
(Reference Powered Up)
10
10
10
10
kΩ
Reference Input Resistance
(Reference Powered Down)
1
1
1
1
MΩ
Small Signal Bandwidth
0.5
0.5
0.5
0.5
MHz
TEMPERATURE COEFFICIENTS
Offset Drift
0
0
0
0
ppm of
FSR/°C
Gain Drift (Without Internal
Reference)
±29
±29
±29
±29
ppm of
FSR/°C
Gain Drift (With Internal
Reference)
±40
±40
±40
±40
ppm of
FSR/°C
Reference Voltage Drift
±25
±25
±25
±25
ppm/°C
POWER SUPPLY
Supply Voltages
AVDD
3.3
3.6
3.3
3.6
3.3
3.6
3.3
3.6
V
DVDD
3.3
3.6
3.3
3.6
3.3
3.6
3.3
3.6
V
CLKVDD
3.3
3.6
3.3
3.6
3.3
3.6
3.3
3.6
V
Analog Supply Current (IAVDD)
5.2
6.7
5.2
6.7
5.1
6.7
5.1
6.7
mA
Digital Supply Current (IDVDD)4
5.9
6.6
5.4
6.6
5.0
6.6
4.6
6.6
mA
Clock Supply Current (ICLKVDD)4
4.1
4.7
4.1
4.7
4.1
4.7
4.1
4.7
mA
Power Dissipation4
50.2
57
48.5
57
46.9
57
45.5
57
mW
Supply Current Sleep Mode
(IAVDD)
0.37
0.4
0.37
0.4
0.37
0.4
0.37
0.4
mA
Supply Current Power-Down
Mode (IAVDD)
0.7
7.5
0.7
7.5
0.7
0.7
7.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com