Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9705BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9705BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9705BCPZ Datasheet HTML 15Page - Analog Devices AD9705BCPZ Datasheet HTML 16Page - Analog Devices AD9705BCPZ Datasheet HTML 17Page - Analog Devices AD9705BCPZ Datasheet HTML 18Page - Analog Devices AD9705BCPZ Datasheet HTML 19Page - Analog Devices AD9705BCPZ Datasheet HTML 20Page - Analog Devices AD9705BCPZ Datasheet HTML 21Page - Analog Devices AD9705BCPZ Datasheet HTML 22Page - Analog Devices AD9705BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 19 of 52
100
VDD = 1.8 V, IOUTFS = 1 mA, unless otherwise noted.
110
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
10MSPS
65MSPS
80MSPS
Figure 27. SFDR vs. fOUT
01
234
fOUT (MHz)
5
45
50
55
60
65
70
75
80
85
90
95
Figure 28. SFDR vs. fOUT @ 10 MSPS
0
5
10
15
20
35
25
30
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
Figure 29. SFDR vs. fOUT @ 65 MSPS
0
5
10
15
20
35
40
25
30
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
Figure 30. SFDR vs. fOUT @ 80 MSPS
0
5
10
15
20
35
25
30
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
2mA
1mA
Figure 31. SFDR vs. fOUT and IOUTFS @ 65 MSPS
0
5
10
15
20
35
40
25
30
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
2mA
1mA
Figure 32. SFDR vs. fOUT and IOUTFS @ 80 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com