Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9705BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9705BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9705BCPZ Datasheet HTML 12Page - Analog Devices AD9705BCPZ Datasheet HTML 13Page - Analog Devices AD9705BCPZ Datasheet HTML 14Page - Analog Devices AD9705BCPZ Datasheet HTML 15Page - Analog Devices AD9705BCPZ Datasheet HTML 16Page - Analog Devices AD9705BCPZ Datasheet HTML 17Page - Analog Devices AD9705BCPZ Datasheet HTML 18Page - Analog Devices AD9705BCPZ Datasheet HTML 19Page - Analog Devices AD9705BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 16 of 52
fOUT (MHz)
45
0
102030
4050607080
50
55
60
65
70
75
80
85
90
95
OTCM = 1.2V
OTCM = 0
OTCM = 0.3V
Figure 13. SFDR vs. fOUT and OTCM @ 175 MSPS
AOUT (dBFS)
45
–10
–8
–6
–4
–2
0
50
55
60
65
70
75
80
85
90
95
125MSPS
65MSPS
175MSPS
Figure 14. Single-Tone SFDR vs. AOUT @ fOUT = fCLOCK/5
fOUT (MHz)
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
125MSPS
65MSPS
175MSPS
0
1020304050607080
Figure 15. NSD vs. fOUT and fCLOCK @ 0 dBFS
fOUT (MHz)
0
10
20304050607080
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
1mA
2mA
5mA
Figure 16. NSD vs. fOUT and IOUTFS @ 175 MSPS
LOWER
fOUT (MHz)
45
0
10
20304050607080
50
55
60
65
70
75
80
85
90
95
175MSPS
75MSPS
125MSPS
Figure 17. Dual-Tone IMD vs. fOUT @ 0 dBFS
LOWER
fOUT (MHz)
45
0
10203040
50607080
50
55
60
65
70
75
80
85
90
95
25°C
–40°C
85°C
Figure 18. Dual-Tone IMD vs. fOUT and Temperature @ 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com