Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9705BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9705BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9705BCPZ Datasheet HTML 1Page - Analog Devices AD9705BCPZ Datasheet HTML 2Page - Analog Devices AD9705BCPZ Datasheet HTML 3Page - Analog Devices AD9705BCPZ Datasheet HTML 4Page - Analog Devices AD9705BCPZ Datasheet HTML 5Page - Analog Devices AD9705BCPZ Datasheet HTML 6Page - Analog Devices AD9705BCPZ Datasheet HTML 7Page - Analog Devices AD9705BCPZ Datasheet HTML 8Page - Analog Devices AD9705BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 5 of 52
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Supply Current Clock Power-
Down Mode (IDVDD)5
0.6
1
0.6
1
0.6
1
0.6
1
mA
Supply Current Clock Power-
Down Mode (ICLKVDD)
42.5
58
42.5
58
42.5
58
42.5
58
μA
Power Supply Rejection Ratio
(AVDD)6
−0.2
+0.03
+0.2
−0.2
+0.03
+0.2
−0.2
+0.03
+0.2
−0.2
+0.03
+0.2
% of FSR/V
OPERATING RANGE
−40
+85
−40
+85
−40
+85
−40
+85
°C
1 Measured at IOUTA, driving a virtual ground, at 25
°C only.
2 Nominal full-scale current, IOUTFS, is 32× the IREF current.
3 An external buffer amplifier with input bias current < 100 nA should be used to drive any external load.
4 Measured at fCLOCK = 175 MSPS and fOUT = 1.0 MHz, using differential clock.
5 Measured at fCLOCK = 100 MSPS and fOUT = 1.0 MHz, using differential clock.
6 ±5% power supply variation.
DYNAMIC SPECIFICATIONS (3.3 V)
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 2 mA, differential transformer coupled output,
453 Ω differentially terminated,1 unless otherwise noted.
Table 2.
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
175
175
175
175
MSPS
Output Settling Time (tST) (to 0.1%)2
11
11
11
11
ns
Output Propagation Delay (tPD)
4
4
4
4
ns
Glitch Impulse
5
5
5
5
pV-s
Output Rise Time (10% to 90%)2
2.5
2.5
2.5
2.5
ns
Output Fall Time (10% to 90%)2
2.5
2.5
2.5
2.5
ns
AC LINEARITY
Spurious-Free Dynamic Range
to Nyquist
fCLOCK = 10 MSPS; fOUT = 2.1 MHz
84
84
84
70
dBc
fCLOCK = 25 MSPS; fOUT = 2.1 MHz
84
83
84
68
dBc
fCLOCK = 65 MSPS; fOUT = 5.1 MHz
84
84
84
70
dBc
fCLOCK = 65 MSPS; fOUT = 10.1 MHz
83
83
83
71
dBc
fCLOCK = 80 MSPS; fOUT = 1.0 MHz
74
83
72
82
72
82
66
70
dBc
fCLOCK = 125 MSPS; fOUT = 15.1 MHz
78
78
78
68
dBc
fCLOCK = 125 MSPS; fOUT = 25.1 MHz
77
77
76
69
dBc
fCLOCK = 175 MSPS; fOUT = 20.1 MHz
75
75
75
69
dBc
fCLOCK = 175 MSPS; fOUT = 40.1 MHz
72
71
71
67
dBc
Noise Spectral Density
fCLOCK = 175 MSPS; fOUT = 6.0 MHz;
IOUTFS = 2 mA
−149
−146
−137
−127
dBc/
Hz
ENOB at IOUTFS = 2 mA
11.3
10.9
9.5
8.0
bits
fCLOCK = 175 MSPS; fOUT = 6.0 MHz;
IOUTFS = 5 mA
−157
dBc/
Hz
ENOB at IOUTFS = 5 mA
12.5
bits
fCLOCK = 175 MSPS; fOUT = 6.0 MHz;
IOUTFS = 1 mA
−145
dBc/
Hz
ENOB at IOUTFS = 1 mA
10.6
bits
1 See Figure 71 for diagram.
2 Measured single-ended into 500 Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com