Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9705BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9705BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9705BCPZ Datasheet HTML 25Page - Analog Devices AD9705BCPZ Datasheet HTML 26Page - Analog Devices AD9705BCPZ Datasheet HTML 27Page - Analog Devices AD9705BCPZ Datasheet HTML 28Page - Analog Devices AD9705BCPZ Datasheet HTML 29Page - Analog Devices AD9705BCPZ Datasheet HTML 30Page - Analog Devices AD9705BCPZ Datasheet HTML 31Page - Analog Devices AD9705BCPZ Datasheet HTML 32Page - Analog Devices AD9705BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 29 of 52
THEORY OF OPERATION
Figure 72 shows a simplified block diagram of one of the
AD970x parts, the AD9707 The AD970x consists of a DAC,
digital control logic, and full-scale output current control. The
DAC contains a PMOS current source array capable of providing
a nominal full-scale current (IOUTFS) of 2 mA and a maximum of
5 mA. The array is divided into 31 equal currents that make up the
five most significant bits (MSBs). The next four bits, or middle
bits, consist of 15 equal current sources whose value is 1/16 of an
MSB current source. The remaining LSBs are binary weighted frac-
tions of the current sources of the middle bits. Implementing the
middle and lower bits with current sources, instead of an R-2R
ladder, enhances the AD970x dynamic performance for multitone
or low amplitude signals and helps maintain the high output
impedance of the DAC (that is, >200 MΩ).
All of these current sources are switched to one of the two
output nodes (IOUTA or IOUTB) via PMOS differential current
switches. The switches are based on the architecture pioneered
in the AD9764 family, with further refinements made to reduce
distortion contributed by the switching transient. This switch
architecture also reduces various timing errors and provides
matching complementary drive signals to the inputs of the
differential current switches.
The analog and digital sections of the AD970x have separate power
supply inputs (AVDD and DVDD) that can operate independently
over a 1.7 V to 3.6 V range. The digital section, which is capable
of operating at a rate of up to 175 MSPS, consists of edge-triggered
latches and segment decoding logic circuitry. The analog section
includes the PMOS current sources, the associated differential
switches, a 1.0 V band gap voltage reference, and a reference
control amplifier.
The DAC full-scale output current is regulated by the reference
control amplifier and can be set from 1 mA to 5 mA via an external
resistor, RSET, connected to the full-scale adjust (FS ADJ) pin.
The external resistor, in combination with both the reference
control amplifier and voltage reference, VREFIO, sets the reference
current, IREF, which is replicated to the segmented current sources
with the proper scaling factor. The full-scale current, IOUTFS, is
32 × IREF.
The AD970x provides the option of setting the output common
mode to a value other than ACOM via the output common mode
(OTCM) pin. This facilitates interfacing the output of the AD970x
directly to components that require common-mode levels greater
than 0 V.
SERIAL PERIPHERAL INTERFACE
The AD970x serial port is a flexible, synchronous serial commu-
nications port allowing easy interface to many industry-standard
microcontrollers and microprocessors. The serial I/O is compatible
with most synchronous transfer formats, including the Motorola
SPI and Intel® SSR protocols. The interface allows read/write
access to all registers that configure the AD970x. Single or multiple
byte transfers are supported, as well as MSB first or LSB first
transfer formats. The serial interface port of the AD970x is
configured as a single pin I/O.
General Operation of the Serial Interface
There are two phases to a communication cycle with the AD970x.
Phase 1 is the instruction cycle, which is the writing of an instruc-
tion byte into the AD970x, coincident with the first eight SCLK
rising edges. The instruction byte provides the AD970x serial port
controller with information regarding the data transfer cycle, which
is Phase 2 of the communication cycle. The Phase 1 instruction
byte defines whether the upcoming data transfer is read or write,
the number of bytes in the data transfer, and the starting register
address for the first byte of the data transfer. The first eight
SCLK rising edges of each communication cycle are used to write
the instruction byte into the AD970x.
0.1µF
LSB
SWITCHES
SEGMENTED
SWITCHES
LATCHES
CURRENT
SOURCE
ARRAY
DIGITAL INPUTS (DB13 TO DB0) SLEEP/CSB
CMODE/SCLK
MODE/SDIO
SPI
IOUTB
IOUTA
OTCM
REFIO
FS ADJ
CLKVDD
CLKCOM
CLK–
CLK+
ACOM
AVDD
DVDD
DCOM
1.0V REF
RSET
1.7V TO 3.6V
1.7V
TO
3.6V
1.7V TO
3.6V
PIN/SPI/RESET
AD9707
Figure 72. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com